Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTPF360N65S3H Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTPF360N65S3H
Description  MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 360 m, 10 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTPF360N65S3H Datasheet(HTML) 2 Page - ON Semiconductor

  NTPF360N65S3H Datasheet HTML 1Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 2Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 3Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 4Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 5Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 6Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 7Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 8Page - ON Semiconductor NTPF360N65S3H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© Semiconductor Components Industries, LLC, 2020
March, 2021 − Rev. 1
1
Publication Order Number:
NTPF360N65S3H/D
MOSFET - Power,
N‐Channel, SUPERFET) III,
FAST
650 V, 360 mW, 10 A
NTPF360N65S3H
Description
SUPERFET III MOSFET is ON Semiconductor’s brand-new high
voltage super-junction (SJ) MOSFET family that is utilizing charge
balance technology for outstanding low on-resistance and lower gate
charge performance. This advanced technology is tailored to minimize
conduction loss, provides superior switching performance, and
withstand extreme dv/dt rate.
Consequently, SUPERFET III FAST MOSFET series helps
minimize various power systems and improve system efficiency.
Features
• 700 V @ TJ = 150°C
• Typ. RDS(on) = 296 mW
• Ultra Low Gate Charge (Typ. Qg = 17.5 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 180 pF)
• 100% Avalanche Tested
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Computing / Display Power Supplies
• Telecom / Server Power Supplies
• Industrial Power Supplies
• Lighting / Charger / Adapter
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
VDSS
RDS(ON) MAX
ID MAX
650 V
360 mW @ 10 V
10 A
D
S
G
TO−220 FULLPAK
CASE 221D
G
D
S
MARKING DIAGRAM
T360N65S3H = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
ZZ
= Lot Code
T360N
65S3H
AYWWZZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com