Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP172ACBZ-1.26-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP172ACBZ-1.26-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-1.26-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP172ACBZ-1.26-R7 Datasheet HTML 9Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 10Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 11Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 12Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 13Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 14Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 15Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 16Page - Analog Devices ADP172ACBZ-1.26-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
ADP172
OUTLINE DIMENSIONS
analog.com
Rev. F | 16 of 17
Figure 38. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-4)
Dimensions shown in millimeters
Updated: April 21, 2021
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP172ACBZ-0.9-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
CV
ADP172ACBZ-1.0-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
6V
ADP172ACBZ-1.26-R7
−40°C to +85°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
6E
ADP172ACBZ-1.2-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
51
ADP172ACBZ-1.5-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
5J
ADP172ACBZ-1.65-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
BD
ADP172ACBZ-1.7-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
CH
ADP172ACBZ-1.8-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
5X
ADP172ACBZ-2.1-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
6B
ADP172ACBZ-2.2-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
G5
ADP172ACBZ-2.9-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
91
ADP172ACBZ-3.0-R7
−40°C to +125°C
4-Ball WLCSP (1.02 mm x 0.95 mm)
Reel, 3000
CB-4-4
6Z
1 Z = RoHS Compliant Part.
OUTPUT VOLTAGE OPTIONS
Model1
Output Voltage (V)2
ADP172ACBZ-0.9-R7
0.9
ADP172ACBZ-1.0-R7
1.0
ADP172ACBZ-1.26-R7
1.26
ADP172ACBZ-1.2-R7
1.2
ADP172ACBZ-1.5-R7
1.5
ADP172ACBZ-1.65-R7
1.65
ADP172ACBZ-1.7-R7
1.7
ADP172ACBZ-1.8-R7
1.8
ADP172ACBZ-2.1-R7
2.1
ADP172ACBZ-2.2-R7
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com