Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5034 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5034
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5034 Datasheet HTML 4Page - Analog Devices ADP5034 Datasheet HTML 5Page - Analog Devices ADP5034 Datasheet HTML 6Page - Analog Devices ADP5034 Datasheet HTML 7Page - Analog Devices ADP5034 Datasheet HTML 8Page - Analog Devices ADP5034 Datasheet HTML 9Page - Analog Devices ADP5034 Datasheet HTML 10Page - Analog Devices ADP5034 Datasheet HTML 11Page - Analog Devices ADP5034 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5034
Data Sheet
Rev. E | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. NC = NOT INTERNALLY CONNECTED.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE SOLDERED TO THE GROUND PLANE.
1
2
3
4
5
6
15
16
17
18
14
13
ADP5034
TOP VIEW
(Not to Scale)
AGND
AVIN
VIN1
SW1
PGND1
MODE
FB4
EN4
VIN2
SW2
PGND2
NC
Figure 2. LFCSP Pin Configuration—View from the Top of the Die
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN4
VOUT4
NC
VIN2
EN4
FB4
EN3
VOUT3
FB3
NC
VIN1
AVIN
AGND
SW2
PGND2
NC
FB2
VOUT2
EN2
NC
SW1
PGND1
MODE
FB1
VOUT1
EN1
NC
VIN3
TOP VIEW
(Not to Scale)
ADP5034
NOTES
1. NC = NOT INTERNALLY CONNECTED.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE
SOLDERED TO THE GROUND PLANE.
Figure 3. TSSOP Pin Configuration—View from the Top of the Die
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
TSSOP
1
5
FB4
LDO2 Feedback Input. For device models with an adjustable output voltage, connect this pin to the
middle of the LDO2 resistor divider. For device models with a factory programmed output voltage,
connect FB4 to the top of the capacitor on VOUT4.
2
6
EN4
LDO2 Enable Pin. High level turns on this regulator, and low level turns it off.
3
7
VIN2
BUCK2 Input Supply (2.3 V to 5.5 V). Connect VIN2 to VIN1 and AVIN.
4
8
SW2
BUCK2 Switching Node.
5
9
PGND2
Dedicated Power Ground for BUCK2.
6
4, 10, 11,
18, 25
NC
No Connect. Leave this pin unconnected or connect to ground.
7
12
EN2
BUCK2 Enable Pin. High level turns on this regulator, and low level turns it off.
8
13
FB2
BUCK2 Feedback Input. For device models with an adjustable output voltage, connect this pin to the
middle of the BUCK2 resistor divider. For device models with a fixed output voltage, leave this pin
unconnected.
9
14
VOUT2
BUCK2 Output Voltage Sensing Input. Connect VOUT2 to the top of the capacitor on VOUT2.
10
15
VOUT1
BUCK1 Output Voltage Sensing Input. Connect VOUT1 to the top of the capacitor on VOUT1.
11
16
FB1
BUCK1 Feedback Input. For device models with an adjustable output voltage, connect this pin to the
middle of the BUCK1 resistor divider. For device models with a fixed output voltage, leave this pin
unconnected.
12
17
EN1
BUCK1 Enable Pin. High level turns on this regulator, and low level turns it off.
13
19
MODE
BUCK1/BUCK2 Operating Mode. MODE = high: forced PWM operation. MODE = low: auto PWM/PSM
operation.
14
20
PGND1
Dedicated Power Ground for BUCK1.
15
21
SW1
BUCK1 Switching Node.
16
22
VIN1
BUCK1 Input Supply (2.3 V to 5.5 V). Connect VIN1 to VIN2 and AVIN.
17
23
AVIN
Analog Input Supply (2.3 V to 5.5 V). Connect AVIN to VIN1 and VIN2.
18
24
AGND
Analog Ground.
19
26
FB3
LDO1 Feedback Input. For device models with an adjustable output voltage, connect this pin to the
middle of the LDO1 resistor divider. For device models with a factory programmed output voltage,
connect FB3 to the top of the capacitor on VOUT3.
20
27
VOUT3
LDO1 Output Voltage.
21
28
VIN3
LDO1 Input Supply (1.7 V to 5.5 V).
22
1
EN3
LDO1 Enable Pin. High level turns on this regulator, and low level turns it off.
23
2
VIN4
LDO2 Input Supply (1.7 V to 5.5 V).
24
3
VOUT4
LDO2 Output Voltage.
EPAD
EPAD
EP
Exposed Pad. It is recommended that the exposed pad be soldered to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com