Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5310 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5310
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310 Datasheet(HTML) 1 Page - Analog Devices

  ADP5310 Datasheet HTML 1Page - Analog Devices ADP5310 Datasheet HTML 2Page - Analog Devices ADP5310 Datasheet HTML 3Page - Analog Devices ADP5310 Datasheet HTML 4Page - Analog Devices ADP5310 Datasheet HTML 5Page - Analog Devices ADP5310 Datasheet HTML 6Page - Analog Devices ADP5310 Datasheet HTML 7Page - Analog Devices ADP5310 Datasheet HTML 8Page - Analog Devices ADP5310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
3-Channel, Integrated Ultralow Power Solution
with Dual Buck Regulators and Load Switch
Data Sheet
ADP5310
FEATURES
Wide input voltage range: 2.7 V to 15.0 V
700 nA quiescent current when EN1 = SYNC/MODE = low
±1.5% output accuracy over full temperature range in PWM mode
600 kHz (or 1.2 MHz) switching frequency with optional
synchronization input from 400 kHz to 1.4 MHz
Channel 1: 800 mA buck regulator
Automatic PSM/PWM or forced PWM mode via factory fuse
100% duty cycle operation mode
Adjustable/fixed output options via factory fuse
Power-good flag
Channel 2: ultralow power buck regulator
Selectable hysteresis or PWM operation mode
Output current up to 50 mA in hysteresis mode, 300 mA in
PWM mode with 100% duty cycle operation mode
Low noise at 0.8 V reference in PWM mode
Adjustable/fixed output voltage options via factory fuse
Channel 3: high-side load switch
Low RDS(ON) of 494 mΩ at VOUT3 = 2.5 V
Quick output discharge (QOD) option
UVLO, OCP, and TSD protection
16-lead TSSOP_EP package
−40°C to +125°C operational junction temperature
APPLICATIONS
Energy (gas and water) metering
Portable and battery-powered equipment
Medical applications
Keep-alive power supplies
TYPICAL APPLICATION CIRCUIT
SW1
PGND1
FB1
R1
R2
C3
10µF
MLCC
L1
4.7µH
VOUT1
SW2
PGND2
FB2
C4
10µF
MLCC
L2
4.7µH
VOUT2
VOUT3
VOUT3
ADP5310
EN1
FROM MCU
PWRGD
TO MCU
FROM MCU
PVIN1
PVIN2
NC
EN3
SYNC/
MODE
CHANNEL 1
BUCK
REGULATOR
(800mA)
CHANNEL 3
LOAD
SWITCH
CHANNEL 2
ULTRALOW
POWER
BUCK
REGULATOR
(50mA/300mA)
C1
10µF
MLCC
VIN =
2.7V TO 15V
AGND
VREG
C6
1µF
C5
220nF
MLCC
Figure 1.
GENERAL DESCRIPTION
The ADP5310 combines dual buck regulators and one load switch
in a 16-lead TSSOP_EP package that meets demanding perfor-
mance and board space requirements. The device enables direct
connection to a wide input voltage range of 2.7 V to 15.0 V, allowing
the use of multiple alkaline/NiMH or lithium cells and other
power sources.
The buck regulator in Channel 1 uses a current mode, constant
frequency pulse-width modulation (PWM) control scheme for
excellent stability and transient performance, which provides up
to 800 mA of output current. The automatic PWM/pulse skipping
mode (PSM) control scheme achieves excellent efficiency in light
output current. A power-good signal indicates that the output
of Channel 1 is within 92% of its nominal value.
An ultralow power buck regulator is integrated in Channel 2 with
the SYNC/MODE pin to control its operation mode. When
SYNC/MODE is set to low, the buck regulator operates in hysteresis
mode, which draws only 700 nA of quiescent current to regulate
the output under zero load and provides up to 50 mA of output
current. Hysteresis mode helps achieve excellent efficiency at less
than 1 mW and can work as a keep-alive power supply in a battery-
powered system. When the SYNC/MODE pin is set to high, the
buck regulator switches to a traditional constant frequency PWM
control scheme to provide low output ripple for noise sensitive
applications, and the buck regulator provides up to 300 mA of
output current in PWM mode.
Channel 3 integrates a high-side load switch that operates from
1.65 V to 5.5 V with its input connected to the output of Channel 2.
The load switch provides power domain isolation and extends
battery operation time.
Other key safety features of the ADP5310 include overcurrent
protection (OCP), thermal shutdown (TSD), and input under-
voltage lockout (UVLO). The ADP5310 is rated for the −40°C
to +125°C junction temperature range.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP5310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300-EVALZ AD-ADP5300-EVALZ Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-1-R7 AD-ADP5300ACPZ-1-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-2-R7 AD-ADP5300ACPZ-2-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
REV. A
More results

Similar Description - ADP5310

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB206A SUMMIT-SMB206A Datasheet
1Mb / 27P
Dual Programmable Buck Regulators with Integrated MOSFETs and Digital Control
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
Quad Buck Regulator Integrated Power Solution
REV. B
logo
Texas Instruments
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
Dual-Channel, Ultralow Resistance Load Switch
logo
Analog Devices
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
Triple Buck Regulator Integrated Power Solution
5/2020-Revision 0
LT3380 AD-LT3380 Datasheet
1Mb / 30P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
09/21-REV.A
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com