Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K148UAX0MLFT Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FS32K148UAX0MLFT
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K148UAX0MLFT Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FS32K148UAX0MLFT Datasheet HTML 42Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 43Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 44Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 45Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 46Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 47Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 48Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 49Page - NXP Semiconductors FS32K148UAX0MLFT Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
Table 36. Flash command timing specifications (continued)
S32K142W
S32K144W
Symbol
Description-1
Typ
Max
Typ
Max
Unit
Notes
trdonce
Read Once
execution time
—
—
40
—
40
µs
tpgmonce
Program Once
execution time
—
150
—
150
—
µs
tersall
Erase All Blocks
execution time
—
475
5550
825
9750
ms
-1
tvfykey
Verify Backdoor
Access Key
execution time
—
—
45
—
45
µs
tersallu
Erase All Blocks
Unsecure execution
time
—
475
5550
825
9750
ms
-1
tpgmpart
Program Partition for
EEPROM execution
time
32 KB EEPROM
backup
98
—
98
—
ms
-1
64 KB EEPROM
backup
100
—
100
—
tsetram
Set FlexRAM
Function execution
time
Control Code 0xFF 0.125
0.160
0.125
0.160
ms
-1
32 KB EEPROM
backup
1.0
1.5
1.0
1.5
48 KB EEPROM
backup
1.2
1.8
1.2
1.8
64 KB EEPROM
backup
1.4
2.1
1.4
2.1
teewr32b
32-bit write to
FlexRAM execution
time
32 KB EEPROM
backup
1250
4000
1250
4000
µs
-1,-1
48 KB EEPROM
backup
1500
4125
1500
4125
64 KB EEPROM
backup
1700
4250
1700
4250
tquickwr
32-bit Quick Write
execution time: Time
from CCIF clearing
(start the write) until
CCIF setting (32-bit
write complete,
ready for next 32-bit
write)
1st 32-bit write
300
1400
300
1400
µs
-1,-1,-1
2nd through Next
to Last (Nth-1) 32-
bit write
275
1000
275
1000
Last (Nth) 32-bit
write (time for write
only, not cleanup)
375
1200
375
1200
tquickwrClnup
Quick Write Cleanup
execution time
—
—
(# of
Quick
Writes ) *
3.6
—
(# of
Quick
Writes ) *
3.6
ms
-1
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 14, 08/2021
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com