Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6L2424CS Datasheet(PDF) 2 Page - HY-LINE Power Components

Part # P6L2424CS
Description  6 W DC-DC Converter P6L24xxCx-Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components

P6L2424CS Datasheet(HTML) 2 Page - HY-LINE Power Components

  P6L2424CS Datasheet HTML 1Page - HY-LINE Power Components P6L2424CS Datasheet HTML 2Page - HY-LINE Power Components P6L2424CS Datasheet HTML 3Page - HY-LINE Power Components P6L2424CS Datasheet HTML 4Page - HY-LINE Power Components P6L2424CS Datasheet HTML 5Page - HY-LINE Power Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6 W DC-DC Converter P6L24xxCx-Series
HY-LINE Power Components Vertriebs GmbH
HY-LINE AG
Inselkammerstraße 10
Hochstrasse 355
D-82008 Unterhaching
CH-8200 Schaffhausen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: info@hy-line.ch
Note:
1.
Min. load should not be less than 5 %, otherwise ripple maybe increased dramatically, If the product operates under min. load, it may not be
guaranteed to meet all specifications listed. Operation under minimum load will not damage the converter.
2.
The recom
mended unbalanced load of dual output converter should be ≤ 5 %. At load asymmetry ≥ 5 %, it may not be guaranteed to meet all
specifications listed.
3.
Maximum capacitive load is tested at input voltage range and full load.
4.
All specifications measured at Ta 25 °C, humidity < 75 %, nominal input voltage and rated output load unless otherwise specified.
5.
It is not recommended to increase the output power capability by connecting two or more converters in parallel
Figure 1
Measure circuit input reflected ripple current
Figure 2
Measure circuit output ripple & noise voltage
Figures 3
Typical application circuit
The P6L series been tested according to the following recommended test circuit before leaving the factory (see Figures 3a & 3b).
If you want to further decrease the input / output ripple, you can increase a capacitance values properly or choose capacitors with low ESR, but the
total capacitance of the filter capacitor must not exceed the maximum load capacitance value (see Model guide table).
Figure 3a
Figure 3b
Page 2 of 5
Recommended peripheral components to figure 3a & 3b
Vin type
Cin
Cout
P6L24xxCS
100 µF, 50 V
22 µF
P6L24xxCD
100 µF, 50 V
2 x 22 µF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com