Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8041818 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8041818
Description  Ball screw linear actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8041818 Datasheet(HTML) 1 Page - Festo Corporation.

  8041818 Datasheet HTML 1Page - Festo Corporation. 8041818 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball screw linear actuator
ELGA-BS-KF-70-300-0H-10P-ML
Part number: 8041818
Data sheet
Feature
Value
Working stroke
300 mm
Size
70
Stroke reserve
0 mm
Screw diameter
12 mm
Spindle pitch
10 mm/U
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with ball screw
Motor type
Stepper motor
Servo motor
Spindle type
Ball screw
Symbol
00991211
Measuring principle of linear potentiometer
Incremental
Max. acceleration
15 m/s²
Max. rotational speed
3000 1/min
Max. speed
0.5 m/s
Repetition accuracy
±0.02 mm
Degree of protection
IP40
Ambient temperature
-10 °C ... 60 °C
2nd moment of area Iy
165000
mm⁴
2nd moment of area Iz
472000
mm⁴
No-load torque at maximum travel speed
0.24 Nm
No-load torque at minimum travel speed
0.17 Nm
Max. force Fy
1500 N
Max. force Fz
1850 N
Fy with theoretical service life of 100 km (from a guide perspective only) 5520 N
Fz with theoretical service life of 100 km (from a guide perspective only) 6808 N
Max. torque Mx
16 Nm
Max. torque My
132 Nm
Max. torque Mz
132 Nm
Mx with theoretical service life of 100 km (from a guide perspective
only)
59 Nm
My with theoretical service life of 100 km (from a guide perspective
only)
486 Nm
Mz with theoretical service life of 100 km (from a guide perspective only) 486 Nm
Max. radial force on actuator shaft
220 N
5/3/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8041818

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8041816 FESTO-8041816 Datasheet
110Kb / 2P
Ball screw linear actuator
5/3/22
8041817 FESTO-8041817 Datasheet
111Kb / 2P
Ball screw linear actuator
5/3/22
8041819 FESTO-8041819 Datasheet
111Kb / 2P
Ball screw linear actuator
5/3/22
More results

Similar Description - 8041818

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3013388 FESTO-3013388 Datasheet
113Kb / 2P
Ball screw linear actuator
4/20/22
3013532 FESTO-3013532 Datasheet
115Kb / 2P
Ball screw linear actuator
4/20/22
3013572 FESTO-3013572 Datasheet
113Kb / 2P
Ball screw linear actuator
4/20/22
3013573 FESTO-3013573 Datasheet
111Kb / 2P
Ball screw linear actuator
4/20/22
3013578 FESTO-3013578 Datasheet
115Kb / 2P
Ball screw linear actuator
4/20/22
3013581 FESTO-3013581 Datasheet
110Kb / 2P
Ball screw linear actuator
4/20/22
3013536 FESTO-3013536 Datasheet
107Kb / 2P
Ball screw linear actuator
4/21/22
3013538 FESTO-3013538 Datasheet
102Kb / 2P
Ball screw linear actuator
4/21/22
8061479 FESTO-8061479 Datasheet
106Kb / 2P
Ball screw linear actuator
4/26/22
8061485 FESTO-8061485 Datasheet
111Kb / 2P
Ball screw linear actuator
4/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com