Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP11203 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP11203 Datasheet HTML 1Page - Vishay Siliconix SIP11203 Datasheet HTML 2Page - Vishay Siliconix SIP11203 Datasheet HTML 3Page - Vishay Siliconix SIP11203 Datasheet HTML 4Page - Vishay Siliconix SIP11203 Datasheet HTML 5Page - Vishay Siliconix SIP11203 Datasheet HTML 6Page - Vishay Siliconix SIP11203 Datasheet HTML 7Page - Vishay Siliconix SIP11203 Datasheet HTML 8Page - Vishay Siliconix SIP11203 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 73868
S11-0975–Rev. C, 16-May-11
www.vishay.com
3
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
5.5 V
≤ VIN ≤ 13 V
TA = - 40 °C to 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
Logic Inputs - IN A and IN B
Input High
VIH
Rising
4
2.5
V
Input Low
VIL
Falling
2.1
1
Input Resistance
RIN
VIN = 13 V, 13 V at INA and/or INB
33.8
4.5
k
Ω
Input Frequency Range (INA and
INB)
fIN
(Note c)
100
500
kHz
Error Amplifier - DC Electrical Characteristics
Voltage Gain
AV
20 log (
ΔVOUT/ΔVOS) for VOUT = 0.5 V to 3 V
65
70
dB
Common Mode Rejection Ratio
CMRR
Input CMR = 0 V to 3.5 V
60
65
Input Offset Voltage
VOS
VCM = 1.225 V, RLOAD = 10 kΩ to VCM
± 3
± 15
mV
VOS Temperature Coefficient
TC3
(Note c)
30
µV/°C
Input Bias Current
IBIAS
VCM = 1.225 V
210
nA
Input Offset Current
IOS
(IEA+) - (IEA-), (Note c)
± 0.3
Output Voltage
VOL
Output sinking 0.8 mA
225
400
mV
VOH
Output sourcing 0.8 mA
33.45
V
Output Current
IOH
Sourcing, EAOUT = 1 V, EA+ overdrive = 500 mV
3.5
4.7
mA
IOL
Sinking, EAOUT = 2.5 V, EA+ overdrive = 500 mV
0.8
1.3
Error Amplifier - AC Electrical Characteristics
Gain-Bandwidth Product
BW
(Note c)
1
MHz
Slew Rate
SR+
Rising, RLOAD = 2 kΩ II 1 nf to Ground
0.75
V/µs
SR-
Falling, RLOAD = 2 kΩ II 1 nf to Ground
1
MOSFET Drivers
Driver Impedance
RD(SOURCE)
VIN = 5.5 V, IOUT = 100 mA, TJ = 25 °C
2.3
3.7
Ω
RD(SINK)
1.5
2.4
RD(SOURCE)
VIN = 7.5 V, IOUT = 100 mA, TJ = 25 °C
2.1
3.4
RD(SINK)
1.4
2.2
Peak Drive Current
IPK(SOURCE)
VIN = 5.5 V, TJ = 25 °C (Note c)
1.2
A
IPK(SINK)
2.4
IPK(SOURCE)
VIN = 7.5 V, TJ = 25 °C (Note c)
2.2
IPK(SINK)
4
Rise Time
tr
10 % to 90 %, VIN = 5.5 V, CLOAD = 6 nF, (Note c)
45
ns
10 % to 90 %, VIN = 7.5 V, CLOAD = 6 nF, (Note c)
42
Fall Time
tf
90 % to 10 %, VIN = 5.5 V, CLOAD = 6 nF, (Note c)
35
90 % to 10 %, VIN = 7.5 V, CLOAD = 6 nF, (Note c)
32
IN to OUT Propagation Delay
tpdr
INA/INB rising to OUTA/OUTB rising, 50 % to 50 %
VIN = 5.5 V, RDEL connected to VL, CLOAD = 0 nF
20
32
55
tpdf
INA/INB falling to OUTA/OUTB falling, 50 % to 50 %
VIN = 5.5 V, RDEL connected to VL, CLOAD = 0 nF
20
34
55
Additional Rising Edge OUT A/B
Delay vs. RDEL
ΔtDELAY
RDEL connected to VL
0
RDEL = 25 kΩ to GND, CLOAD = 0 nF (Note d)
28
38
48
Power-down Detection Timeout
tPDDET
IN A and IN B low to OUT A/OUT B low
RPD = 25 kΩ, CPD = 1 nF (Note c)
25
µs
Power-up Output Hold-off Current
IHOFF
No forcing voltage on VIN or VL, both VIN and VL
bypassed by 1 µF to GND, INA or INB = 5 V, other
input = 0 V, force 1 V at active output (A or B)
350
530
mA
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com