Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC18IM700IPW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC18IM700IPW
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700IPW Datasheet(HTML) 5 Page - NXP Semiconductors

  SC18IM700IPW Datasheet HTML 1Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 2Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 3Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 4Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 5Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 6Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 7Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 8Page - NXP Semiconductors SC18IM700IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
5 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
7.1.2 Read N byte from slave device
The host issues the read command by sending an S character followed by an I2C-bus
slave device address, and the total number of bytes to be read from the addressed
I2C-bus slave. The frame is then terminated with a P character. Once the host issues this
command, the SC18IM700 will access the I2C-bus slave device, get the correct number of
bytes from the addressed I2C-bus slave, and then return the data to the host.
Note that the second byte sent is the I2C-bus device slave address. The least significant
bit (R) of this byte must be set to 1 to indicate this is an I2C-bus write command.
7.1.3 Write to 18IM internal register
The host issues the internal register write command by sending a W character followed by
the register and data pair. Each register to be written must be followed by the data byte.
The frame is then terminated with a P character.
Remark: Write and read from the internal 18IM register is processed immediately as soon
as the intended register is determined by 18IM.
Fig 3.
Write N bytes to slave device
002aac048
NUMBER
OF BYTES
S CHAR.
SLAVE ADR.
+ W
host sends
DATA 0
DATA N
P CHAR.
Fig 4.
Read N byte from slave device
002aac049
NUMBER
OF BYTES
S CHAR.
SLAVE ADR.
+ R
host sends
18IM responds
P CHAR.
DATA 0
DATA N
Fig 5.
Write to 18IM internal register
002aac050
W CHAR.
REGISTER 0
DATA 0
REGISTER N
DATA N
P CHAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com