Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP32402A Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32402A
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32402A Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32402A Datasheet HTML 5Page - Vishay Siliconix SIP32402A Datasheet HTML 6Page - Vishay Siliconix SIP32402A Datasheet HTML 7Page - Vishay Siliconix SIP32402A Datasheet HTML 8Page - Vishay Siliconix SIP32402A Datasheet HTML 9Page - Vishay Siliconix SIP32402A Datasheet HTML 10Page - Vishay Siliconix SIP32402A Datasheet HTML 11Page - Vishay Siliconix SIP32402A Datasheet HTML 12Page - Vishay Siliconix SIP32402A Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SiP32401A, SiP32402A
www.vishay.com
Vishay Siliconix
S15-1246-Rev. D, 01-Jun-15
9
Document Number: 63705
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PCB LAYOUT
Fig. 27 - PCB Layout for TDFN4 1.2 mm x 1.6 mm (type: FR4, size: 1" x 1", thickness: 0.062", copper thickness: 2 oz.)
DETAILED DESCRIPTION
SiP32401A and SiP32402A are advanced slew rate
controlled high side load switch consisted of a n-channel
power switch. When the device is enable the gate of the
power switch is turned on at a controlled rate to avoid
excessive in-rush current. Once fully on the gate to source
voltage of the power switch is biased at a constant level. The
design gives a flat on resistance throughout the operating
voltages. When the device is off, the reverse blocking
circuitry prevents current from flowing back to input if output
is raised higher than input. The reverse blocking mechanism
also works in case of no input applied. The SiP32402A also
integrates an output discharge switch which allows fast
output discharge.
APPLICATION INFORMATION
Input Capacitor
The SiP32401A and SiP32402A do not require an input
capacitor. To limit the voltage drop on the input supply
caused by transient inrush currents, an input bypass
capacitor is recommended. A 2.2 μF ceramic capacitor
placed as close to the VIN and GND should be enough.
Higher values capacitor can help to further reduce the
voltage drop. Ceramic capacitors are recommended for
their ability to withstand input current surge from low
impedance sources such as batteries in portable devices.
Output Capacitor
While these devices works without an output capacitor,
an 0.1 μF or larger capacitor across VOUT and GND is
recommended to accommodate load transient condition. It
also help to prevent parasitic inductance forces VOUT below
GND when switching off. Output capacitor has minimal
affect on device’s turn on slew rate time. There is no
requirement on capacitor type and its ESR.
Enable
The EN pin is compatible with both TTL and CMOS logic
voltage levels.
Protection Against Reverse Voltage Condition
Both SiP32401A and SiP32402A contain reverse blocking
circuitry to protect the current from going to the input from
the output in case where the output voltage is higher than
the input voltage when the main switch is off. Reverse
blocking works for input voltage as low as 0 V.
Thermal Considerations
SiP32401A and SiP32402A are designed to maintain a
constant output load current. Due to physical limitations of
the layout and assembly of the device the maximum switch
current is 2.8 A, as stated in the Absolute Maximum Ratings
table. However, another limiting characteristic for the safe
operating load current is the thermal power dissipation of
the package. To obtain the highest power dissipation (and a
thermal resistance of 170 °C/W) the power pad of the device
should be connected to a heat sink on the printed circuit
board. Figure 23 shows a typical PCB layout. All copper
traces and vias for the IN and OUT pins should be sized
adequately to carry the maximum continuous current.
The maximum power dissipation in any application is
dependant
on
the
maximum
junction
temperature,
TJ (max.) = 125 °C, the junction-to-ambient thermal
resistance for the TDFN4 1.2 mm x 1.6 mm package,
θJ-A =
170 °C/W, and the ambient temperature, TA, which may be
formulaically expressed as:
Top
Bottom
170
125
(max.)
(max.)
A
A
J
A
J
T
T
T
P
-
=
-
=
-
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com