Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP2801 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP2801
Description  Low Power Consumption Current Mode Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2801 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP2801 Datasheet HTML 1Page - Vishay Siliconix SIP2801 Datasheet HTML 2Page - Vishay Siliconix SIP2801 Datasheet HTML 3Page - Vishay Siliconix SIP2801 Datasheet HTML 4Page - Vishay Siliconix SIP2801 Datasheet HTML 5Page - Vishay Siliconix SIP2801 Datasheet HTML 6Page - Vishay Siliconix SIP2801 Datasheet HTML 7Page - Vishay Siliconix SIP2801 Datasheet HTML 8Page - Vishay Siliconix SIP2801 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 72660
S11-0598-Rev. E, 25-Apr-11
www.vishay.com
5
Vishay Siliconix
SiP2800, SiP2801, SiP2802, SiP2803, SiP2804, SiP2805
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS
SiP2800 / SiP2801 / SiP2802 / SiP2804
Oscillator Frequency vs. Rt and Ct
Oscillator Dead Time vs. Ct
Rt (kΩ)
Ct = 100 pF
1000
100
10
10
100
1000
Ct = 200 pF
Ct = 330 pF
Ct = 1000 pF
0
50
100
150
200
250
300
350
400
450
500
100
200
300
400
500
600
700
800
900 1000
Rt = 100 kΩ
Ct (pf)
SiP2803/05
SiP2800/01/02/04
SiP2803 / SiP2805
Oscillator Frequency vs. Rt and Ct
COMP to CS Offset Voltage vs. Temperature
Rt (kΩ)
1000
100
10
10
100
1000
Ct = 100 pF
Ct = 200 pF
Ct = 330 pF
Ct = 1000 pF
0.7
0.8
0.9
1.0
1.1
1.2
1.3
- 50
- 25
0
25
50
75
100
125
150
CS = 0 V
Temperature (
°C)
Error Amplifier Gain and Phase vs. Frequency
1
- 3 0
80
10
10000
Frequency (kHz)
100
70
60
50
40
30
20
10
0
- 1 0
- 2 0
1000
135
45
0
-45
90
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com