Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP4280 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73476
S-61690–Rev. D, 04-Sep-06
Vishay Siliconix
SiP4280
Notes:
a. Device mounted with all leads soldered or welded to PC board.
b. Derate 5.5 mW/°C above TA = 70 °C.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. Part requires minimum start-up of VIN ≥ 2.0 to ensure operation down to 1.8 V.
d. For VIN ≤ 2.7 V see typical ON/OFF threshold curve.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Steady State
Unit
Supply Input Voltage
VIN
- 0.3 to 6
V
Enable Input Voltage
VON
- 0.3 to 6
Output Voltage
VOUT
- 0.3 to VIN + 0.3
Maximum Switch Current
IMAX
2.3
A
Maximum Pulsed Current
VIN ≥ 2.5
IDM
6
VIN < 2.5
IDM
3
Junction Temperature
TJ
- 40 to 150
°C
Thermal Resistance
SOT23-6L
ΦJAa
180
°C/W
Power Dissipation
SOT23-6Lb
PD
440
mW
RECOMMENDED OPERATING RANGE all voltages referenced to GND = 0 V
Parameter
Symbol
Steady State
Unit
VIN
1.8 to 5.5
V
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5 V, TA = - 40 to + 85 °C
Limits
Mina
Typb
Maxa
Unit
SiP4280 All Versions
Operating Voltagec
VIN
1.8
-
5.5
V
Undervoltage Lockout
VUVLO
VIN Falling
1.0
1.4
1.8
Undervoltage Lockout Hysteresis
VUVLO(hyh)
-
250
-
mV
Quiescent Current
IQ
ON/OFF = active
-
2.5
4
µA
Off Supply Current
IQ(OFF)
ON/OFF = inactive, OUT = open
-
0.01
1
Off Switch Current
ISD(OFF)
ON/OFF = inactive, VOUT = 0
-0.01
1
On-Resistance
RDS(ON)
VIN = 5 V, TA = 25 °C
-
80
120
m
Ω
VIN = 4.2 V, TA = 25 °C
-
85
130
VIN = 3 V, TA = 25 °C
-
100
150
VIN = 1.8 V, TA = 25 °C
-
160
250
On-Resistance Temp-Coefficient
TCRDS
-
2800
-
ppm/°C
ON/OFF Input Low Voltaged
VIL
VIN = 2.7 V to 5.5 V
--
0.8
V
ON/OFF Input High Voltage
VIH
VIN = 2.7 V to ≤ 4.2 V
2-
-
VIN > 4.2 V to 5.5 V
2.4
-
-
ON/OFF Input Leakage
ISINK
VON/OFF = 5.5 V
--
1
µA
SiP4280-1 Version
Output Turn-On Delay Time
TD(ON)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-20
40
µS
Output Turn-On Rise Time
TON
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-
1000
1500
Output Turn-Off Delay Time
TD(OFF)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-4
10
SiP4280-3 Version
Output Turn-On Delay Time
TD(ON)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-20
40
µS
Output Turn-On Rise Time
TON
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-
100
150
Output Turn-Off Delay Time
TD(OFF)
VIN = 5 V, RLOAD = 10 Ω, TA = 25 °C
-4
10
Output Pull-Down Resistance
RPD
ON/OFF = inactive, TA = 25 °C
-
150
250
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com