Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC2M8S1-7TC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S1-7TC
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S1-7TC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4LC2M8S1-7TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC2M8S1-7TC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
®
AS4LC2M8S1
AS4LC1M16S1
5/21/01; v.1.1
Alliance Semiconductor
P. 5 of 29
Mode register fields
† RFU = 0 during MRS cycle.
Burst sequence (burst length = 4)
Burst sequence (burst length = 8)
Register programmed with MRS
Address
A11~A10
A9A8A7
A6
A5
A4A3
A2
A1
A0
Function
RFU†
WBL
TM
CAS
latency
BT
Burst length
Write burst length
Burst type
A9
Length
A3
Type
0
Programmed
burst length
0
Sequential
1Interleaved
1Single burst
Test mode
A8
A7
Type
0
0
Mode register set
01
Reserved
10
Reserved
11
Reserved
CAS latency
Burst length
A6
A5
A4
Latency
A2
A1
A0
BT = 0
BT = 1
0
0
0
Reserved
0
001
1
0
0
1
1
0
012
2
0
1
0
2
0
104
4
0
1
1
3
0
118
8
1
X
X
Reserved
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
11
1
Full page
Reserved
Initial address
Sequential
Interleave
A1
A0
0
0
01
23
01
23
0
1
12
30
10
32
1
0
23
01
23
01
1
1
30
12
32
10
Initial address
Sequential
Interleave
A2
A1
A0
0
0
0
0123456701234567
0
0
1
1234567010325476
0
1
0
2345670123016745
0
1
1
3456701232107654
1
0
0
4567012345670123
1
0
1
5670123454761032
1
1
0
6701234567452301
1
1
1
7012345676543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com