Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC2M8S0-7TC Datasheet(PDF) 29 Page - Alliance Semiconductor Corporation

Part # AS4LC2M8S0-7TC
Description  3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC2M8S0-7TC Datasheet(HTML) 29 Page - Alliance Semiconductor Corporation

Back Button AS4LC2M8S0-7TC Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4LC2M8S0-7TC Datasheet HTML 29Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
®
AS4LC2M8S1
AS4LC1M16S1
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be
the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may
appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the
product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential
customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of
any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose,
merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made
exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other
intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected
to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all
claims arising from such use.
5/21/01; v.1.1
Alliance Semiconductor
P. 29 of 29
Part numbering system
AS4
LC
XXX
SX
–XX
T
C
DRAM prefix 3.3V CMOS
Device number
for synchronous
DRAM
S1 = 2K refresh
S0 = 4K refresh
1/frequency
Package (device
dependent):
TSOP 2 400 mil, 44 pin
TSOP 2 400 mil, 50 pin
Commercial
temperature
range: 0° C to
70° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com