Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS7512 Datasheet(PDF) 5 Page - Sipex Corporation

Part # HS7512
Description  Double-Buffered 12-Bit Multiplying DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7512 Datasheet(HTML) 5 Page - Sipex Corporation

  HS7512 Datasheet HTML 1Page - Sipex Corporation HS7512 Datasheet HTML 2Page - Sipex Corporation HS7512 Datasheet HTML 3Page - Sipex Corporation HS7512 Datasheet HTML 4Page - Sipex Corporation HS7512 Datasheet HTML 5Page - Sipex Corporation HS7512 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
117
Figure 2. Bipolar Operation
TRANSFER FUNCTION (N=12)
BINARY INPUT UNIPOLAR OUTPUT BIPOLAR OUTPUT
111...111
–V
REF (1 – 2
–N
)–V
REF (1 – 2
–(N – 1)
)
100...001
–V
REF (1/2 + 2
–N
)–V
REF (2
–(N – 1)
)
100...000
–V
REF /2
0
011...111
–V
REF (1/2 – 2
–N
)V
REF (2
–(N – 1)
)
000...000
0
V
REF
VREF
VDD2
400
Ω
VDD1
+15V
DIGITAL
INPUTS
FB1
I O1
+
-
I O2
FB 4
FB 3
VSS1
VSS
ROS1
A
VOUT
CE
HBE
MBE
LBE
LDAC
SP7512
1
+
-
A2
ROS2
V OUT1
A1, A2, LF411ACN
4K
Ω
LDTR
3K
Ω
1K
Ω
N.C.
N.C.
-15V
+15V
20K
Ω
4M
Ω
ADJUSTMENT
RANGE 0.2%
a 28–pin SOIC. The HS3120 is available in
commercial and military temperature ranges,
packaged in a 28–pin side–brazed DIP. For
product processed and screened to the require-
ments of MIL–M–38510 and MIL–STD–883C,
please consult the factory (HS3120B only).
Table 1. Transfer Function
APPLICATIONS INFORMATION
Unipolar Operation
Figure 1 shows the interconnections for unipo-
lar operation. Connect I
O1 and FB1 as shown in
diagram. Tie I
O2 (Pin 7), FB3 (Pin 3), and FB4
(Pin 1) to Ground (Pin 8). To maintain specified
linearity, external amplifiers must be zeroed.
This is best done with V
REF set to zero and, with
the DAC register loaded with all bits at zero,
adjust R
OS for VOUT = 0V
Bipolar Operation
Figure 2 shows the interconnections for bipolar
operation. Connect I
O1, IO2, FB1, FB3, FB4 as
shown in diagram. Tie LDTR to I
O2. To main-
tain specified linearity, external amplifiers must
be zeroed. This is best done with V
REF set to zero
and, the DAC register loaded with 10...0 (MSB
= 1), set R
OS2 for VOUT1 = 0V. Then set ROS1 for
V
OUT = 0V.
Grounding
Connect all GND pins to system analog ground
and tie this to digital ground. All unused input
pins must be grounded.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com