Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ0860L33T Datasheet(PDF) 6 Page - ON Semiconductor

Part # NFAQ0860L33T
Description  Intelligent Power Module (IPM) 600 V, 8 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ0860L33T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NFAQ0860L33T Datasheet HTML 2Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 3Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 4Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 5Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 6Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 7Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 8Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 9Page - ON Semiconductor NFAQ0860L33T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NFAQ0860L33T
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS at TC = 25 _C, VBIAS (VBS, VDD) = 15 V unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Power Output Section
Collector−Emitter Leakage Current
VCE = 600 V
ICES
−
−
100
mA
Collector−Emitter Saturation Voltage
IN = 5 V, IC = 8 A, Tj = 25_C
VCE(sat)
−
2.4
3.0
V
IN = 5 V, IC = 4 A, Tj = 100_C
−
1.9
−
V
FWDi Forward Voltage
IN = 0 V, IC = −8 A, Tj = 25_C
VF
−
2.1
2.7
V
IN = 0 V, IC = −4 A, Tj = 100_C
−
1.6
−
V
Junction to Case Thermal Resistance
Inverter IGBT Part (per 1/6 Module)
Rth(j−c)Q
−
−
3.9
_C/W
Inverter FRD Part (per 1/6 Module)
Rth(j−c)F
−
−
7.3
_C/W
Switching Character
Switching Time
IC = 8 A, VPN = 300 V, Tj = 25_C,
Inductive Switching
tON
−
0.4
1.1
ms
tOFF
−
0.4
1.1
ms
Turn−on Switching Loss
IC = 8 A, VPN = 300 V, Tj = 25_C
EON
−
190
−
mJ
Turn−off Switching Loss
EOFF
−
90
−
mJ
Total Switching Loss
ETOT
−
280
−
mJ
Turn−on Switching Loss
IC = 4 A, VPN = 300 V, Tj = 100_C
EON
−
100
−
mJ
Turn−off Switching Loss
EOFF
−
50
−
mJ
Total Switching Loss
ETOT
−
150
−
mJ
Diode Reverse Recovery Energy
IC = 4 A, VPN = 300 V, Tj = 100_C,
(di/dt set by internal driver)
EREC
−
25
−
mJ
Diode Reverse Recovery Time
tRR
−
140
−
ns
Reverse Bias Safe Operating Area
IC = 16 A, VCE = 450 V
RBSOA
Full Square
Short Circuit Safe Operating Area
VCE = 400 V, Tj = 100_C
SCSOA
4
−
−
ms
Driver Section
Quiescent VBS Supply Current
VBS = 15 V, HIN = 0 V, per driver
IQBS
−
0.07
0.4
mA
Quiescent VDD Supply Current
VDD = 15 V, LIN = 0 V, VDD−VSS
IQDD
−
0.95
3.0
mA
ON Threshold Voltage
HIN(U), HIN(V), HIN(W), LIN(U), LIN(V),
LIN(W) − VSS
VIN(ON)
−
−
2.5
V
OFF Threshold Voltage
VIN(OFF)
0.8
−
−
V
Logic 1 Input Current
VIN = +3.3 V
IIN+
−
660
900
mA
Logic 0 Input Current
VIN = 0 V
IIN−
−
−
3
mA
Bootstrap ON Resistance
IB = 1 mA
RB
−
500
−
W
FAULT Terminal Sink Current
FAULT: ON / VFAULT = 0.1 V
IoSD
−
2
−
mA
Fault−Output Pulse Width
FAULT−VSS
tFOD
1.1
1.65
2.2
ms
CFOD Threshold
CFOD−VSS
VCFOD
−
8
−
V
Shut Down Threshold
SD−VSS
VSD+
−
−
2.5
V
VSD−
0.8
−
−
V
ITRIP Trip Level
ITRIP−VSS
VITRIP
0.44
0.49
0.54
V
ITRIP to Shutdown Propagation Delay
tITRIP
−
1.1
−
ms
ITRIP Blanking Time
tITRIPBL
250
350
−
ns
High−Side Control Bias Voltage Under−
Voltage Protection
Reset Level
UVBSR
10.3
11.1
11.9
V
Detection Level
UVBSD
10.1
10.9
11.7
V
Hysteresis
UVBSH
−
0.2
−
V
Supply Voltage Under−Voltage Protection Reset Level
UVDDR
10.3
11.1
11.7
V
Detection Level
UVDDD
10.1
10.9
11.5
V
Hysteresis
UVDDH
−
0.2
−
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com