Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC413 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC413
Description  microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC413 Datasheet HTML 9Page - Vishay Siliconix SIC413 Datasheet HTML 10Page - Vishay Siliconix SIC413 Datasheet HTML 11Page - Vishay Siliconix SIC413 Datasheet HTML 12Page - Vishay Siliconix SIC413 Datasheet HTML 13Page - Vishay Siliconix SIC413 Datasheet HTML 14Page - Vishay Siliconix SIC413 Datasheet HTML 15Page - Vishay Siliconix SIC413 Datasheet HTML 16Page - Vishay Siliconix SIC413 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Vishay Siliconix
SiC413
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
End of Life. Last Available Purchase Date is 31-Dec-2014
PCB Layout
As in the design of any switching dc-to-dc converter, a good
PCB layout ensures successful transition from design to
production. One of a few drawbacks of switching converters
is the noise generated by the high frequency switching and
coupled by parasitic inductance and capacitance. However,
noise levels can be reduced or minimized if a PCB is well laid
out.
The following is a guidance on SiC413 layout.
Input Capacitors: C1 through to C6 are the input capacitors.
They are placed side by side together to form a block and this
block sits right beside SiC413's VIN and GND pins. This
placement minimizes the distance between VIN pin,
capacitors and chip’s ground, which minimizes the possibility
of noise injected in VIN pin.
Also the MLCC with smallest value (0.01 µF) is placed
closest to VIN pin, and then MLCC with larger values (0.1 µF,
10 µF) and the last, the electrolytic. This is because their
ESRs are getting larger and larger from small value MLCC to
large value MLCC and then electrolytic capacitor.
Output Capacitors: C17 through to C20 are the output
capacitors. They are placed the same way as input
capacitors.
Decoupling Capacitors of VREG: C7 and C8, are placed right
beside GND pin on their negative sides. Their positive sides
are connected to the chip's VREG pin through two vias from
the bottom of the PCB. The trace distance should be kept
less than 10 mm.
Boot Capacitor: C14 is the boot capacitor. R5 is added to
allow flexibility for adjusting the high-side MOSFET driving
current to reduce possible noise.
Compensation Network: C9, C10, R6 and R10 form this
network. These components should be placed in a tight
group. This group then should be in close proximity to the
COMP pin. Trace lengths between the components should
be minimized.
Output Sampling Network: R7, C15, R9 and R11 constitute
the output voltage sampling network. These components
should be placed in a tight grouping and in close proximity to
the FB pin. Since SiC413 has only one GND pin, this makes
the chip more sensitive to noise coming from GND.
Therefore R11 is added to perform as a filter to remove any
possible noise from ground.
Grounding: Separate analog and power ground paths are
recommended for optimal noise reduction in the SiC413CB
converter. These grounds should both be connected at the
GND pin. Connect the ground pin of the input and output
capacitors to the power ground. Connect the ground pin for
the VREG decoupling caps, the compensation network
grounds, and the output voltage sampling network grounds
to the analog ground. It is preferred to use low inductance
ground planes when ever possible. If single sided board is
being used then try to keep the ground traces short and
going a star configuration at the GND pin.
Power Traces: The power path is formed starting at VIN. It
then branches to PGND and VSW to VOUT. The trace
thickness for the power path should be kept to a minimum of
50 mils. Placement of components should focus on keeping
these traces as short as possible to minimize parasitic
inductance and resistances. They have minimum 50 mil
trace width (at the VIN pin area) and this segment is very
short, which is good enough for the power level handled by
this chip.
Figure 6 and Figure 7 below show a recommended board
layout for converters using SiC413CB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com