Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC417DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC417DB
Description  microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC417DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC417DB Datasheet HTML 1Page - Vishay Siliconix SIC417DB Datasheet HTML 2Page - Vishay Siliconix SIC417DB Datasheet HTML 3Page - Vishay Siliconix SIC417DB Datasheet HTML 4Page - Vishay Siliconix SIC417DB Datasheet HTML 5Page - Vishay Siliconix SIC417DB Datasheet HTML 6Page - Vishay Siliconix SIC417DB Datasheet HTML 7Page - Vishay Siliconix SIC417DB Datasheet HTML 8Page - Vishay Siliconix SIC417DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.vishay.com
2
Document Number: 69062
S10-1367-Rev. D, 14-Jun-10
Vishay Siliconix
SiC417
PIN CONFIGURATION
FB
FBL
V5V
AGND
VOUT
VIN
VLDO
BST
LX
LX
PGND
PGND
PGND
PGND
PGND
PGND
PAD 1
AGND 34
PAD 2
VIN 35
PAD 3
LX 33
PIN DESCRIPTION
Pin Number
Symbol
Description
1FB
Feedback input for switching regulator. Connect to an external resistor divider from output to program the
output voltage.
2
FBL
Feedback input for the LDO. Connect to an external resistor divider from VLDO to program the VLDO output.
3V5V
5 V power input for internal analog circuits and gate drives. Connect to external 5 V supply or configure the
LDO for 5 V and connect to VLDO.
4, 30, PAD 1
AGND
Analog ground.
5VOUT
Output voltage input to the SiC417. Additionally, may be used to bypass LDO to supply VLDO directly.
6, 9 - 11, PAD 2
VIN
Input supply voltage.
7VLDO
LDO output.
8BST
Bootstrap pin. A capacitor is connected between BST to LX to develop the floating voltage for the high-side
gate drive.
12
DH
High-side gate drive - do not connect this pin.
14
DL
Low-side gate drive - do not connect this pin.
13, 23 - 25, 28,
PAD 3
LX
Switching (Phase) node.
15-22
PGND
Power ground.
26
PGOOD
Open-drain power good indicator. High impedance indicates power is good. An external pull-up resistor is
required.
27
ILIM
Current limit sense point - to program the current limit connect a resistor from ILIM to LX.
29
EN/PSV
Tri-state pin. Enable input for switching regulator. Connect EN to AGND to disable the switching regulator.
Float pin for forced continuous and pull high for power-save mode.
31
tON
On-time set input. Set the on-time by a series resistor to the input supply voltage.
32
ENL
Enable input for the LDO. Connect ENL to AGND to disable the LDO.
ORDERING INFORMATION
Part Number
Package
SiC417CD-T1-E3
MLPQ55-32
SiC417DB
Evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com