Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC414DB Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC414DB
Description  6 A, microBUCK® SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC414DB Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC414DB Datasheet HTML 15Page - Vishay Siliconix SIC414DB Datasheet HTML 16Page - Vishay Siliconix SIC414DB Datasheet HTML 17Page - Vishay Siliconix SIC414DB Datasheet HTML 18Page - Vishay Siliconix SIC414DB Datasheet HTML 19Page - Vishay Siliconix SIC414DB Datasheet HTML 20Page - Vishay Siliconix SIC414DB Datasheet HTML 21Page - Vishay Siliconix SIC414DB Datasheet HTML 22Page - Vishay Siliconix SIC414DB Datasheet HTML 23Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Document Number: 65739
www.vishay.com
Revision: 22-Feb-10
1
Package Information
Vishay Siliconix
PowerPAK® MLP44-28L CASE OUTLINE
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 REF
0.008 REF
b (4)
0.175
0.225
0.275
0.007
0.009
0.011
D
4.00 BSC
0.157 BSC
e
0.45 BSC
0.018 BSC
E
4.00 BSC
0.157 BSC
L
0.30
0.40
0.50
0.012
0.016
0.020
N (3)
28
28
Nd (3)
77
Ne (3)
77
D2-1
0.908
1.058
1.158
0.036
0.042
0.046
D2-2
0.908
1.058
1.158
0.036
0.042
0.046
D2-3
0.912
1.062
1.162
0.036
0.042
0.046
E2-1
2.43
2.58
2.68
0.096
0.102
0.105
E2-2
1.30
1.45
1.55
0.051
0.057
0.061
E2-3
0.58
0.73
0.83
0.023
0.029
0.033
K1
0.46 BSC
0.018 BSC
K2
0.40 BSC
0.016 BSC
ECN: T10-0056-Rev. A, 22-Feb-10
DWG: 5996
6
5
2x
A
2x
B
C
Bottom View
Side View
Marking
PIN 1 Dot by
Top View
1
2
3
28L T/SLP
(4.0 mm x 4.0 mm)
0.2030 Ref.
0.000-0.0500
A
E
D
(Nd-1)X e
Ref.
b
e
E2-1
D2-3
D2-1
D2-2
E2-2
E2-3
K1
L
(Ne-1)X e
Ref.
0.10 C B
0.10 C A
0.08 C
K2
0.4000
PIN#1 Identification
R0.20
Notes:
1. Use millimeters as the primary measurement.
2. Dimensioning and tolerances conform to ASME Y14.5M. - 1994.
3. N is the number of terminals.
Nd is the number of terminals in X-direction and
Ne is the number of terminals in Y-direction.
4. Dimensions b applies to plated terminal and is measured
between 0.15 mm and 0.30 mm from terminal tip.
5. The pin #1 identifier must be existed on the top surface of the
package by using identification mark or other feature of package body.
6. Exact shape and size of this feature is optional.
7. Package warpage max. 0.08 mm.
8. Applied only for terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com