Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC533DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC533DB
Description  35 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC533DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC533DB Datasheet HTML 1Page - Vishay Siliconix SIC533DB Datasheet HTML 2Page - Vishay Siliconix SIC533DB Datasheet HTML 3Page - Vishay Siliconix SIC533DB Datasheet HTML 4Page - Vishay Siliconix SIC533DB Datasheet HTML 5Page - Vishay Siliconix SIC533DB Datasheet HTML 6Page - Vishay Siliconix SIC533DB Datasheet HTML 7Page - Vishay Siliconix SIC533DB Datasheet HTML 8Page - Vishay Siliconix SIC533DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SiC533
www.vishay.com
Vishay Siliconix
S20-0485-Rev. C, 29-Jun-2020
2
Document Number: 75010
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC533 Pin Configuration
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1
ZCD_EN#
The ZCD_EN# pin enables or disables Diode Emulation. When ZCD_EN# is LOW, diode
emulation is allowed. When ZCD_EN# is HIGH, continuous conduction mode is forced.
ZCD_EN# can also be put in a high impedance mode by floating the pin. If both ZCD_EN#
and PWM are floating, the device shuts down and consumes typically 3 μA (9 μA max.)
current
2VCIN
Supply voltage for internal logic circuitry
23
CGND
Analog ground for the driver IC
3N.C.
This pin can be either left floating or connected to CGND.
Internally it is either connected to GND or not internally
connected depending on manufacturing location.
Factory code “G” on line 3, pin 3 = CGND
Factory code “T” on line 3, pin 3 = not internally connected
4
BOOT
High-side driver bootstrap voltage
5
PHASE
Return path of high-side gate driver
6 to 8, 25
VIN
Power stage input voltage. Drain of high-side MOSFET
9 to 11, 17, 18, 20, 26
PGND
Power ground
12 to 16
VSWH
Switch node of the power stage
19, 24
GL
Low-side gate signal
21
VDRV
Supply voltage for internal gate driver
22
PWM
PWM control input
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
SiC533CD-T1-GE3
PowerPAK® MLP4535-22L
SiC533
5 V PWM optimized
SiC533DB
Reference board
1
2
3
4
5
ZCD_EN#
V
CIN
N.C.
BOOT
PHASE
16
15
14
13
12
V
SWH
V
SWH
V
SWH
V
SWH
V
SWH
11
10
9
8
7
6
17
18
19
20
21
22
P
GND
26
V
IN
25
C
GND
23
GL
24
G Y W W
P/N
LL
T Y W W
P/N
LL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com