Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1672EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1672EEE
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1672EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
100
200
300
400
02
13
4
MAXIMUM OUTPUT CURRENT vs.
INPUT VOLTAGE (VOUT = 5V)
INPUT VOLTAGE (V)
MAXIMUM RECOMMENDED
OUTPUT CURRENT
ILIM = GND (0.5A)
ILIM = PS (0.8A)
0
100
200
300
400
02
13
4
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE (VOUT = 3.3V)
INPUT VOLTAGE (V)
MAXIMUM RECOMMENDED
OUTPUT CURRENT
ILIM = GND (0.5A)
ILIM = PS (0.8A)
0
100
200
300
400
45
7
8
9
11
610
12
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
(POWER DISSIPATION LIMIT)
INPUT VOLTAGE (V)
MAXIMUM RECOMMENDED
OUTPUT CURRENT
VOUT = 5V
VOUT = 3.3V
TA = +25°C
TA = +85°C
VOUT = 3.3V
VOUT = 5V
1000
10
0
1
2
3456
78
9
10 11
NO-LOAD BATTERY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
100
VOUT = 5V
VOUT = 3.3V
A
B
2ms/div
LINE-TRANSIENT RESPONSE
MAX1672-10
A: VOUT = 5V (100mV/div, AC COUPLED)
B: VIN = 2V TO 4V (IOUT = 100mA)
1
0.01
0
1
2
3456
78
9
10 11
SHUTDOWN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0.1
70
10
0.01
1
10
100
0.1
1000
LINEAR REGULATOR POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
20
FREQUENCY (kHz)
30
40
60
50
A
B
2ms/div
LOAD-TRANSIENT RESPONSE
MAX1672-11
A: VOUT = 5V (50mV/div, AC COUPLED)
B: IOUT = 10mA TO 100mA (VIN = 2V)
A
B
10
µs/div
OUTPUT RIPPLE (MEDIUM LOAD)
MAX1672-12
A: VOUT = 5V (20mV/div, AC COUPLED)
B: IL1 (500mA /div) (VIN = 2.7V, IOUT = 80mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com