Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP432 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP432
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432 Datasheet(HTML) 5 Page - Sipex Corporation

  SP432 Datasheet HTML 1Page - Sipex Corporation SP432 Datasheet HTML 2Page - Sipex Corporation SP432 Datasheet HTML 3Page - Sipex Corporation SP432 Datasheet HTML 4Page - Sipex Corporation SP432 Datasheet HTML 5Page - Sipex Corporation SP432 Datasheet HTML 6Page - Sipex Corporation SP432 Datasheet HTML 7Page - Sipex Corporation SP432 Datasheet HTML 8Page - Sipex Corporation SP432 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
Figure 4. Tri-State Output Enable and Disable Waveforms
Figure 2. Propagation Delay
Figure 3. Test Circuit for Tri-State Outputs
AC TEST CIRCUITS AND SWITCHING TIME WAVEFORMS
tPHL
tPLH
OUTPUT
VOH
50%
VOL
+2.5V
0V
-2.5V
10%
10%
90%
90%
tRISE
tFALL
INPUTS
(V-) – (V+)
VCC
RL
DEVICE
UNDER
TEST
S1
CL
V+ INPUT
V- INPUT
CL includes load and test jig capacitance.
S1 = VCC for tPZL and tPLZ measurements.
S1 = GND for tPZH and tPHZ measurements.
tPZL
1.3V
3.0V
GND
1.3V
tPZH
OUTPUT
OUTPUT
0V
VCC
tPLZ
tPHZ
0.5V
0.5V
VOH
VOL
50%
50%
ENABLE
ENABLE
t
PHL
t
PLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com