Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8481KP Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP8481KP
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8481KP Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP8481KP Datasheet HTML 4Page - Sipex Corporation SP8481KP Datasheet HTML 5Page - Sipex Corporation SP8481KP Datasheet HTML 6Page - Sipex Corporation SP8481KP Datasheet HTML 7Page - Sipex Corporation SP8481KP Datasheet HTML 8Page - Sipex Corporation SP8481KP Datasheet HTML 9Page - Sipex Corporation SP8481KP Datasheet HTML 10Page - Sipex Corporation SP8481KP Datasheet HTML 11Page - Sipex Corporation SP8481KP Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
309
READ MODE DYNAMIC CHARACTERISTICS
V
CC = +15V; VLOGIC = +5V; TA = 25°C
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
t
HRS
CS Valid After CE Low
0
0
ns
t
SRR
R/C to CE Setup
50
0
ns
t
HRR
R/C High After CE Low
0
50
ns
t
SAR
A
0
to CE Setup
50
ns
t
HAR
A
0 Valid After CE Low
50
ns
Data Valid After CE Low
20
ns
t
DD
Access Time from CE
150
ns
t
HL
Output Float Delay
150
ns
R/C
STATUS
DB11 - DB0
CS
tSRR
HIGH IMPEDANCE
tHRR
DATA VALID
tDD
tHD
tHL
A0
tSAR
tHAR
CE
tHRS
tHS
Figure 5. Read Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com