Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8505 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8505
Description  12-Bit Sampling A/D Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8505 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8505 Datasheet HTML 1Page - Sipex Corporation SP8505 Datasheet HTML 2Page - Sipex Corporation SP8505 Datasheet HTML 3Page - Sipex Corporation SP8505 Datasheet HTML 4Page - Sipex Corporation SP8505 Datasheet HTML 5Page - Sipex Corporation SP8505 Datasheet HTML 6Page - Sipex Corporation SP8505 Datasheet HTML 7Page - Sipex Corporation SP8505 Datasheet HTML 8Page - Sipex Corporation SP8505 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
43
s 3
µs, 5µs or 10µs Sample/Conversion
Time
s Standard
±10V and ±5V Input
s No Missing Codes Over Temperature
s AC Performance Over Temperature
71.5dB Signal–to–Noise Ratio at Nyquist
85dB Spurious–free Dynamic Range
at 49kHz
–81dB Total Harmonic Distortion at 49kHz
s Internal Sample/Hold, Reference,
Clock, and 3-State Outputs
s Low Power Dissipation: 90mW
s 28–Pin Narrow PDIP and SOIC
DESCRIPTION…
The SP85XX Series are complete 12-bit sampling A/D converters using state–of–the–art
CMOS structures. They contain a complete 12–bit successive approximation A/D converter
with internal sample/hold, reference, clock, digital interface for microprocessor control, and
three–state output drivers. Power dissipation is only 90mW. AC and DC performance are
completely specified. Sampling/conversion rates of 3
µs, 5µs and 10µs are offered.
.....
.....
.....
.....
±10V
CS
R/C HBE
IBIP
IN
±5VIN
Internal
Ref
Control
Logic
Clock
Comparator
Three
State
Parallel
Output
Data
Bus
BUSY
CDAC
VREF Out
(1.2043V)
SAR
Output
Latches
And
Three
State
Drivers
SP8503, SP8505, SP8510
12-Bit Sampling A/D Converters


Similar Part No. - SP8505

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP85 AMPHENOL-SP85 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
SP85-A-A-202 AMPHENOL-SP85-A-A-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP85-A-B-202 AMPHENOL-SP85-A-B-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP85-A-D-202 AMPHENOL-SP85-A-D-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP85-A-E-202 AMPHENOL-SP85-A-E-202 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
More results

Similar Description - SP8505

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
12-bit Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com