Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8481KS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8481KS
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8481KS Datasheet(HTML) 4 Page - Sipex Corporation

  SP8481KS Datasheet HTML 1Page - Sipex Corporation SP8481KS Datasheet HTML 2Page - Sipex Corporation SP8481KS Datasheet HTML 3Page - Sipex Corporation SP8481KS Datasheet HTML 4Page - Sipex Corporation SP8481KS Datasheet HTML 5Page - Sipex Corporation SP8481KS Datasheet HTML 6Page - Sipex Corporation SP8481KS Datasheet HTML 7Page - Sipex Corporation SP8481KS Datasheet HTML 8Page - Sipex Corporation SP8481KS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
304
PIN ASSIGNMENTS…
(Refer to Page 11 for package configurations and dimensions)
116
234567
8
9 10 11 12 13 14 15
17
23 22 21 20 19 18
24
30 29 28 27 26 25
32 31
CONTROL
LOGIC
12-BIT ADC
8-CHANNEL
MULTIPLEXER
DECODE
REF
Table 1. Multiplexer Truth Table
MULTIPLEXER TRUTH TABLE
LATCH
MAEN MA
2
MA
1
MA
0
OPERATION
H -> L
0
0
0
0
CH
O Selected
H -> L
0
0
0
1
CH
1 Selected
H -> L
0
0
1
0
CH
2 Selected
H -> L
0
0
1
1
CH
3 Selected
H -> L
0
1
0
0
CH
4 Selected
H -> L
0
1
0
1
CH
5 Selected
H -> L
0
1
1
0
CH
6 Selected
H -> L
0
1
1
1
CH
7 Selected
H -> L
1
n
n
n
All Deselected
0
X
X
X
X
Prev. Ch. n Held
1
X
X
X
X
Prev. Ch. n Held
PIN FUNCTION…
R/C — Read/Convert — Initiates conversion on
the Hi-to-low transition; logic low disconnects
data bus; logic high initiates read
CS — Chip Select — Logic high disconnects
data bus; logic low allows conversion or reading
of data
CE — Chip Enable — Logic low disables read or
convert; logic high enables read or convert
A
0 — Device Address — Logic low enables 8
MSB read; logic high enables 4 LSB read
MA
0, MA1, MA2 — MUX Address 0, 1 & 2 —
Selects analog input channels CH
0 through CH7
LATCH — MUX Address Latch — Logic high
to low transition captures MUX address on MUX
address lines
MAEN — MUX Enable — Logic low allows
normal MUX address; logic high deselects CH
O
through CH
7
DB
0 through DB11 — Data Outputs — Logic
high is binary true; logic low binary false
Table 2. Control Truth Table
CONTROL TRUTH TABLE
CE
CS
A
O
R/C
OPERATION
0
X
X
X
None
X
1
X
X
None
L->H
0
0
X
Start Conversion
1
H ->L
0
X
Start Conversion
1
0
H ->L
X
Start Conversion
1010
Enable 8 MSBs
1011
Enable 4 LSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com