Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9843 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP9843
Description  8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9843 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP9843 Datasheet HTML 2Page - Sipex Corporation SP9843 Datasheet HTML 3Page - Sipex Corporation SP9843 Datasheet HTML 4Page - Sipex Corporation SP9843 Datasheet HTML 5Page - Sipex Corporation SP9843 Datasheet HTML 6Page - Sipex Corporation SP9843 Datasheet HTML 7Page - Sipex Corporation SP9843 Datasheet HTML 8Page - Sipex Corporation SP9843 Datasheet HTML 9Page - Sipex Corporation SP9843 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
266
ORDERING INFORMATION
Model
Reference Inputs
Temperature Range
Package
SP9840KN ................................... Eight, independent ............................................... 0
° to + 70°C ................................. 24–pin, 0.3" Plastic DIP
SP9840BN ................................... Eight, independent ............................................... –40
° to + 85°C ............................. 24–pin, 0.3" Plastic DIP
SP9840KS ................................... Eight, independent ............................................... 0
° to + 70°C ........................................... 24–pin, 0.3" SOIC
SP9840BS ................................... Eight, independent ............................................... –40
° to + 85°C ....................................... 24–pin, 0.3" SOIC
SP9843KS ................................... Four pair ............................................................... 0
° to + 70°C ........................................... 20–pin, 0.3" SOIC
SP9843BS ................................... Four pair ............................................................... –40
° to + 85°C ....................................... 20–pin, 0.3" SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com