Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9842 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP9842
Description  8-Bit Octal, 2-Quadrant Multiplying, BiCMOS DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9842 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP9842 Datasheet HTML 3Page - Sipex Corporation SP9842 Datasheet HTML 4Page - Sipex Corporation SP9842 Datasheet HTML 5Page - Sipex Corporation SP9842 Datasheet HTML 6Page - Sipex Corporation SP9842 Datasheet HTML 7Page - Sipex Corporation SP9842 Datasheet HTML 8Page - Sipex Corporation SP9842 Datasheet HTML 9Page - Sipex Corporation SP9842 Datasheet HTML 10Page - Sipex Corporation SP9842 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
273
Plot 10. Negative Full Scale Settling.
Plot 11. V
IN(X) Current versus Code.
V
DD = 5V
V
IN = 0.05V to 1.55V
V
OUT = 0.1V to 3.1V
Plot 12. I
REFL Current Input Current versus Code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com