Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9136 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9136
Description  Multi-Output Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9136 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9136 Datasheet HTML 1Page - Vishay Siliconix SI9136 Datasheet HTML 2Page - Vishay Siliconix SI9136 Datasheet HTML 3Page - Vishay Siliconix SI9136 Datasheet HTML 4Page - Vishay Siliconix SI9136 Datasheet HTML 5Page - Vishay Siliconix SI9136 Datasheet HTML 6Page - Vishay Siliconix SI9136 Datasheet HTML 7Page - Vishay Siliconix SI9136 Datasheet HTML 8Page - Vishay Siliconix SI9136 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number: 70818
S11-0975-Rev. D, 16-May-11
Vishay Siliconix
Si9136
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
End of Life. Last Available Purchase Date is 31-Dec-2014
PIN DESCRIPTION
Pin Number
Symbol
Description
1
CS3
Current sense input for 3.3 V buck.
2
FBFY
Feedback for flyback.
3
BSTFY
Boost capacitor connection for flyback converter.
4
DHFY
Gate-drive output for flyback high-side MOSFET.
5
LXFY
Inductor connection for flyback converter.
6
DLFY
Gate-drive output for flyback low-side MOSFET.
7
CSP
Current sense positive input for flyback converter.
8
CSN
Current sense negative input for flyback converter.
9
GND
Analog ground.
10
COMP
Flyback compensation connection, if required.
11
REF
3.3 V internal reference.
12
12 ON/OFF
ON and OFF control input for 12 V flyback controller.
13
3.3 ON/OFF
ON and OFF control input for 3.3 V buck controller.
14
5 ON/OFF
ON and OFF control input for 5 V buck controller.
15
CS5
Current sense input for 5 V buck controller.
16
DH5
Inductor connection for buck 5 V.
17
LX5
Gate-drive output for 5 V buck high-side MOSFET.
18
BST5
Boost capacitor connection for 5 V buck converter.
19
DL5
Gate-drive output for 5 V buck low-side MOSFET.
20
PGND
Power ground.
21
FB5
Feedback for 5 V buck.
22
VL
5 V logic supply voltage for internal circuitry.
23
VIN
Input voltage
24
DL3
Gate-drive output for 3.3 V buck low-side MOSFET.
25
BST3
Boost capacitor connection for 3.3 V buck converter.
26
LX3
Inductor connection for 3.3 V buck low-side MOSFET.
27
DH3
Gate-drive output for 3.3 V buck high-side MOSFET.
28
FB3
Feedback for 3.3 V buck.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com