Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTM01-C/D Datasheet(PDF) 1 Page - ETA-USA

Part # VTM01-C/D
Description  12.5W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

VTM01-C/D Datasheet(HTML) 1 Page - ETA-USA

  VTM01-C/D Datasheet HTML 1Page - ETA-USA VTM01-C/D Datasheet HTML 2Page - ETA-USA VTM01-C/D Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Variety of Models
• Chassis mount type
• Compact and High Efficiency
• Triple Output
• Isolated Power Supply
12.5W
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
Output Voltage
Vdc
A
Ripple and Noise
mVp
MODEL/CHANNEL
Unit
FEATURES
OUTPUT
(Double)
VTM-C/D
VTM01-C/D
VTM03-C/D
Line Regulation
Load Regulation
Drift
mV
mVp
mV
Output Current
VTM04-C/D
MODEL/CHANNEL
Unit
VTM03-12
VTM04B-12
VTM01C12
Input Voltage Range
Voltage Adjustment Range
Rise Up Time
Hold Up Time
Vdc
Vdc
-
INPUT Input Voltage 12V
%
Temp. Coefficient
°C
mS
mS
Efficiency
H
-
MTBF
Switching Frequency
+5
1.8
V1: +/-3% of Rated Output Voltage
V2, V3: +/-3.5% of Rated Output Voltage
200mS(maximum) at 25℃ and rated input/output
Not specified (Vin=110 6mS)
20
40
40
0.02%/℃
40
90
DC 12V
DC 9.2V-16V
62
670,000
42 Fix
+5
-15
+15
0.12
0.12
25
25
100
25
25
100
25
25
100
7.5
7.5
75
75
20
40
2.5
25
60
60
60
90
40
40
75
40
75
75
-5
+12
+5
-12
+12
1.8
1.8
0.15
0.15
0.15
0.15
6
6
6
20


Similar Part No. - VTM01-C/D

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM01A ETA-USA-VTM01A Datasheet
727Kb / 4P
12.5 WATT AC-DC CONVERTER
VTM01B ETA-USA-VTM01B Datasheet
523Kb / 3P
12.5 WATT AC-DC CONVERTER
More results

Similar Description - VTM01-C/D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE170 MOSPEC-MJE170 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Maxim Integrated Produc...
MAX845EVKIT MAXIM-MAX845EVKIT Datasheet
45Kb / 4P
Isolated Power Supply
Rev 4; 10/97
logo
ETA-USA
SVA-SC ETA-USA-SVA-SC Datasheet
2Mb / 3P
25W ??Isolated Power Supply
SVA-SD ETA-USA-SVA-SD Datasheet
2Mb / 3P
25W Isolated Power Supply
VTM05-SC12 ETA-USA-VTM05-SC12 Datasheet
6Mb / 3P
15W Isolated Power Supply
VTM21-WC12 ETA-USA-VTM21-WC12 Datasheet
6Mb / 3P
15W Isolated Power Supply
VTB-SC ETA-USA-VTB-SC Datasheet
8Mb / 3P
50W Isolated Power Supply
VTD-SC ETA-USA-VTD-SC Datasheet
7Mb / 3P
100W Isolated Power Supply
VTE-SC ETA-USA-VTE-SC Datasheet
2Mb / 3P
150W Isolated Power Supply
logo
List of Unclassifed Man...
KSA-13B-051250HU ETC-KSA-13B-051250HU Datasheet
655Kb / 9P
Raspberry Pi 12.5W Micro USB Power Supply
2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com