Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTM-SC/D Datasheet(PDF) 1 Page - ETA-USA

Part # VTM-SC/D
Description  15W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

VTM-SC/D Datasheet(HTML) 1 Page - ETA-USA

  VTM-SC/D Datasheet HTML 1Page - ETA-USA VTM-SC/D Datasheet HTML 2Page - ETA-USA VTM-SC/D Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Variety of Models
• Chassis mount type
• Compact and High Efficiency
• Single Output
• Isolated Power Supply
15W
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
Output Voltage
Vdc
A
Ripple and Noise
mVp
MODEL/CHANNEL
Unit
FEATURES
OUTPUT
VTM-SC/D
Line Regulation
Load Regulation
Drift
mV
mVp
mV
Output Current
Input Current
A
MODEL/CHANNEL
Unit
Input Voltage Range
Voltage Adjustment Range
Rise Up Time
Vdc
Vdc
-
INPUT Input Voltage 12V
%
Temp. Coefficient
°C
mS
Efficiency
H
-
MTBF
Switching Frequency
VTM12-
S-C/D
VTM05-
S-C/D
VTM15-
S-C/D
VTM24-
S-C/D
VTM12-
SC12
VTM05-
SC12
VTM15-
SC12
VTM24-
SC12
DC 12V
DC 9.2V-16V
1.79
70
900,000
41 Fix
5
3
+/-5% of Rated Output Voltage(at no load within input range)
100
200mS(maximum) at 25℃ and rated input/output
40
45
0.03%/℃
40
75
90
135
216
192
135
120
108
96
290
200
170
0.62
24
15
1
1.2
12
1.77
1.79
1.71


Similar Part No. - VTM-SC/D

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM-SA ETA-USA-VTM-SA Datasheet
360Kb / 3P
15 WATT AC-DC CONVERTER
VTM-SB ETA-USA-VTM-SB Datasheet
358Kb / 3P
15 WATT AC-DC CONVERTER
More results

Similar Description - VTM-SC/D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
15W PC Standby power supply
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
15W Output Switching Power Supply
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
15W Output Switching Power Supply
logo
LinkCom Manufacturing C...
15W-LCCE LINKCOM-15W-LCCE Datasheet
493Kb / 3P
15W LED Power Supply
logo
ETA-USA
SVM-SC ETA-USA-SVM-SC Datasheet
2Mb / 3P
15W Isolated Power Supply
SVM-SD ETA-USA-SVM-SD Datasheet
2Mb / 3P
15W Isolated Power Supply
VTM21-WC12 ETA-USA-VTM21-WC12 Datasheet
6Mb / 3P
15W Isolated Power Supply
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com