Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4225D Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4225D
Description  75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4225D Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4225D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4225D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4225D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4225D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4225D Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Each MOSFET ID=20A
Each MOSFET ID=20A
3
Each MOSFET IS=20A Intrinsic Diode
3
Intrinsic Diode
Each MOSFET V+=70V
Analog Input=6VDC
Output A,B=50% Duty Cycle
Output A=100% Duty Cycle High
Output B=100% Duty Cycle High
Input Voltage LO
Input Voltage HI
Input Current (DISABLE=0V)
Input Voltage LO
Input Voltage HI
Input Current (HEN=0V)
RL=100
Ω
OUTPUT CHARACTERISTICS
RDS (ON) 1 4
VDS(ON) Voltage
Instantaneous Forward Voltage
Reverse Recovery Time
1
Leakage Current
PWM Frequency
Vcc
SUPPLY CHARACTERISTICS
Quiescent Bias Current
Vcc Voltage Range
1
INPUT SIGNAL CHARACTERISTICS
1
Analog Input Voltage
Analog Input Voltage
Analog Input Voltage
LOGIC CONTROL INPUTS
1
SWITCHING CHARACTERISTICS
1
Rise Time
Fall Time
Dead Time
V+
VCC
IOUT
IPK
VOUT
θJC
ABSOLUTE MAXIMUM RATINGS
Parameter
ELECTRICAL SPECIFICATIONS
Units
Ω
V
V
nS
uA
KHz
mA
V
V
V
V
V
V
uA
V
V
uA
nS
nS
nS
Max.
0.013
0.52
1.3
280
25
50
50
16
-
-
-
0.8
-
135
0.8
-
270
-
-
-
MSK 4225
Typ.
-
0.45
1.0
-
1.0
45
43
12
6
4
8
-
-
-
-
-
-
50
170
100
Min.
-
-
-
-
-
40
-
9
-
-
-
-
2.7
-
-
2.7
-
-
-
-
Test Conditions
2
2
TST
TLD
TC
TJ
NOTES:
1
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
2
Vcc=+12V, V+=28V, RSENSE A,B=Ground, DIS=0V, HEN=N/C unless otherwise specified.
3
Measured using a 300µS pulse with a 2% Duty Cycle.
4
On Resistance is specified for the Internal MOSFET for Thermal Calculations. It does not include the package pin resistance.
Tc= +25°C Unless Otherwise Specified
Disable Input
HEN Input
Rev. B 11/04
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance
(Output Switches @ 125°C)
75V
16V
20A
40A
GND -2V min. to V + max.
3.0°C/W
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4225
Junction Temperature
-55°C to +125°C
300°C
-40°C to +85°C
+150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com