Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3LV02DL Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS3LV02DL
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g Digital Output Low Voltage Linear Accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3LV02DL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS3LV02DL Datasheet HTML 9Page - STMicroelectronics LIS3LV02DL Datasheet HTML 10Page - STMicroelectronics LIS3LV02DL Datasheet HTML 11Page - STMicroelectronics LIS3LV02DL Datasheet HTML 12Page - STMicroelectronics LIS3LV02DL Datasheet HTML 13Page - STMicroelectronics LIS3LV02DL Datasheet HTML 14Page - STMicroelectronics LIS3LV02DL Datasheet HTML 15Page - STMicroelectronics LIS3LV02DL Datasheet HTML 16Page - STMicroelectronics LIS3LV02DL Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LIS3LV02DL
Application Hints
13/36
4
Application Hints
Figure 3.
LIS3LV02DL Electrical Connection
The device core is supplied through Vdd line while the I/O pads are supplied through Vdd_IO
line. Power supply decoupling capacitors (100 nF ceramic, 10
µF Al) should be placed as near
as possible to the pin 13 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper behavior
of the IC (refer to Fig. 3). It is possible to remove Vdd mantaining Vdd_IO without blocking the
communication busses.
The functionality of the device and the measured acceleration data is selectable and accessible
through the I2C/SPI interface.When using the I2C, CS must be tied high while SDO must be left
floating. Refer to dedicated application note for further information on device usage.
4.1
Soldering Information
The LGA-16 package is lead free and green package qualified for soldering heat resistance
according to JEDEC J-STD-020C. Pin #1 indicator are physically connected to GND. Soldering
recommendations are available upon request.
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Vdd_IO
10uF
Vdd
Digital signal from/to signal controller.Signal’s levels are defined by proper selection of Vdd_IO
100nF
GND
LIS3LV02DL
(TOP VIEW)
1
6
7
8
9
14
15
16
Y
1
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com