Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4227D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4227D
Description  200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4227D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4227D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4227D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4227D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4227D Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20
19
18
17
16
15
14
13
12
11
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
200 VOLT 20 AMP MOSFET
H-BRIDGE WITH
GATE DRIVE
4227
The MSK 4227 is a complete H-Bridge circuit to be used for DC brushed motor control or Class D switchmode amplifi-
cation. All of the drive/control circuitry for the lowside and highside switches are internal to the circuit. Logic level inputs
are provided for controlling each MOSFET independently, allowing every possible switch combination except those that
would cause a simultaneous conduction or shoot-through condition for each half bridge. This gives the user freedom to use
various modulation schemes for PWM control. The MSK 4227 is constructed in a space efficient plastic power package
that can be directly bolted to a heatsink.
DESCRIPTION:
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
4
5
6
7
8
9
10
Rev. B
11/04
1
FEATURES:
• Low Cost Complete H-Bridge
•20 Amp Capability, 200 Volt Maximum Rating
• Self-contained Smart Lowside/Highside Drive Circuitry
• Shoot-through Protection
• Isolated Case Allows Direct Heatsinking
• Logic Level Disable Input
• Individual Logic Level Gate Drive Inputs for Various Modulation Schemes
NC
HINA
LINA
+VCC
+VB
COM
COM
HINB
LINB
NC
AV-
AV-
AØ
AØ
V+
V+
BØ
BØ
BV-
BV-


Similar Part No. - MSK4227D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4227 MSK-MSK4227_15 Datasheet
118Kb / 4P
Low Cost Complete H-Bridge
More results

Similar Description - MSK4227D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4300 MSK-MSK4300 Datasheet
268Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4400S MSK-MSK4400S Datasheet
275Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301 Datasheet
311Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4226S MSK-MSK4226S Datasheet
286Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE
MSK4401S MSK-MSK4401S Datasheet
244Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Pulse A Technitrol Comp...
P0584NL PULSE-P0584NL Datasheet
88Kb / 1P
OFFLINE GATE DRIVE OFFLINE GATE DRIVE
logo
M.S. Kennedy Corporatio...
MSK4301 MSK-MSK4301_15 Datasheet
760Kb / 6P
PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401 ANAREN-MSK4401 Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300 ANAREN-MSK4300 Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4226 ANAREN-MSK4226 Datasheet
785Kb / 6P
75 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com