Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4097-2HCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4097-2HCPZ
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-2HCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4097-2HCPZ Datasheet HTML 1Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 2Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 3Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 4Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 5Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 6Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 7Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 8Page - Analog Devices ADA4097-2HCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
SPECIFICATIONS
analog.com
Rev. A | 3 of 31
5 V SUPPLY
Common-mode voltage (VCM) = 2.5 V, SHDN pin (ADA4097-1) and SHDNx pins (ADA4097-2 the 10-lead LFCSP only) are open, load
resistance (RLOAD) = 499 kΩ to midsupply, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC PERFORMANCE
Input Offset Voltage (VOS)1
0.25 V < VCM < 3.25 V
±20
±60
±20
±60
µV
Minimum temperature (TMIN) < TA
< maximum temperature (TMAX)
±130
±160
µV
0.25 V < VCM < 70 V
±30
±60
±30
±60
µV
TMIN < TA < TMAX
±160
±185
µV
−0.1 V < VCM < +70 V
±30
±60
±30
±60
µV
TMIN < TA < TMAX
±550
±600
µV
Input Offset Voltage Drift2
TMIN < TA < TMAX
±0.1
±1
±0.1
±1.5
µV/°C
Input Bias Current (IB)
±0.1
±0.3
±0.1
±0.3
nA
TMIN < TA < TMAX
±10
±25
nA
VCM = 70 V, Over-The-Top
0.25
0.8
1.5
0.25
0.8
1.5
µA
TMIN < TA < TMAX
0.175
2.25
0.125
2.5
µA
0 V < VCM < 70 V, VSY = 0 V
0.001
1
0.001
1
µA
TMIN < TA < TMAX
10
10
µA
Input Offset Current (IOS)
±100
±300
±100
±300
pA
TMIN < TA < TMAX
±5
±10
nA
VCM = 70 V, Over-The-Top3
±0.025
±0.065
±0.025
±0.065
µA
TMIN < TA < TMAX
±0.095
±0.2
µA
Common-Mode Rejection Ratio
(CMRR)
VCM = −0.1 V to +70 V
120
145
120
145
dB
TMIN < TA < TMAX
101
100
dB
VCM = 0.25 V to 3.25 V
115
134
115
134
dB
TMIN < TA < TMAX
110
107
dB
Common-Mode Input Range
Guaranteed by CMRR tests
−0.1
+70
−0.1
+70
V
Large Signal Voltage Gain (AOL) Delta output voltage (ΔVOUT) =
3.5 V
120
140
120
140
dB
TMIN < TA < TMAX
114
112
dB
ΔVOUT = 3.5 V, RLOAD = 10 kΩ
96
108
96
108
dB
TMIN < TA < TMAX
90
86
dB
NOISE PERFORMANCE
Input Voltage Noise
Frequency (f) = 0.1 Hz to 10 Hz
1000
1000
nV p-p
1/f noise corner
6
6
Hz
f = 100 Hz
53
53
nV/√Hz
Over-The-Top
f = 100 Hz, VCM > 5 V
65
65
nV/√Hz
Input Current Noise
f = 100 Hz
0.05
0.05
pA/√Hz
Over-The-Top
f = 100 Hz, VCM > 5 V
0.5
0.5
pA/√Hz
DYNAMIC PERFORMANCE
Slew Rate
ΔVOUT = 4 V
0.025
0.1
0.025
0.1
V/µs
TMIN < TA < TMAX
0.018
0.015
V/µs
Gain Bandwidth Product (GBP) Test frequency (fTEST) = 250 Hz
120
130
120
130
kHz
TMIN < TA < TMAX
100
100
kHz
Phase Margin
58
58
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com