Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8121 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8121
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8121 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8121 Datasheet HTML 14Page - Analog Devices ADL8121 Datasheet HTML 15Page - Analog Devices ADL8121 Datasheet HTML 16Page - Analog Devices ADL8121 Datasheet HTML 17Page - Analog Devices ADL8121 Datasheet HTML 18Page - Analog Devices ADL8121 Datasheet HTML 19Page - Analog Devices ADL8121 Datasheet HTML 20Page - Analog Devices ADL8121 Datasheet HTML 21Page - Analog Devices ADL8121 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADL8121
USING RBIAS TO ENABLE AND DISABLE ADL8121
analog.com
Rev. 0 | 21 of 22
By attaching a single-pole, double throw (SPDT) switch to the
RBIAS pin, an enable and disable circuit can be implemented as
shown in Figure 82. The ADG719 CMOS switch is used to connect
the RBIAS resistor either to supply or ground. When the RBIAS
resistor is connected to ground, the overall current consumption
reduces to 1.0 mA with no RF signal present and 4.0 mA when the
RF input level is –10 dBm.
Figure 83 and Figure 84 show plots of the turn on and the turn off
response time of the RF output envelope when the IN pin of the
ADG719 is pulsed.
Figure 82. Fast Enable and Disable Using a
0 V to 5 V Pulse on the RBIAS Resistor
Figure 83. Turn-On Response Time of the RF Output (RFOUT) Envelope When
IN Pin of the ADG719 Is Pulsed
Figure 84. Turn-Off Response Time of the RFOUT Envelope When IN Pin of the
ADG719 Is Pulsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com