Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA1106 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA1106 Datasheet HTML 6Page - Analog Devices ADPA1106 Datasheet HTML 7Page - Analog Devices ADPA1106 Datasheet HTML 8Page - Analog Devices ADPA1106 Datasheet HTML 9Page - Analog Devices ADPA1106 Datasheet HTML 10Page - Analog Devices ADPA1106 Datasheet HTML 11Page - Analog Devices ADPA1106 Datasheet HTML 12Page - Analog Devices ADPA1106 Datasheet HTML 13Page - Analog Devices ADPA1106 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
ADPA1106
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 19
Figure 31. PAE vs. Frequency at Various IDQ Supply Currents, PIN = 19 dBm,
VDD1 and VDD2 = 50 V
Figure 32. Gain vs. Frequency at Various IDQ Supply Currents, PIN = 19 dBm,
VDD1 and VDD2 = 50 V
Figure 33. POUT vs. Frequency at Various Pulse Widths and Duty Cycles,
PIN = 21 dBm
Figure 34. PAE vs. Frequency at Various IDQ Supply Currents, PIN = 21 dBm,
VDD1 and VDD2 = 50 V
Figure 35. Gain vs. Frequency at Various IDQ Currents, PIN = 21 dBm,
VDD1 and VDD2 = 50 V
Figure 36. POUT vs. Frequency at Various Pulse Widths and Duty Cycles,
PIN = 21 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com