Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA7008AEHZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7008AEHZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008AEHZ Datasheet(HTML) 1 Page - Analog Devices

  ADPA7008AEHZ Datasheet HTML 1Page - Analog Devices ADPA7008AEHZ Datasheet HTML 2Page - Analog Devices ADPA7008AEHZ Datasheet HTML 3Page - Analog Devices ADPA7008AEHZ Datasheet HTML 4Page - Analog Devices ADPA7008AEHZ Datasheet HTML 5Page - Analog Devices ADPA7008AEHZ Datasheet HTML 6Page - Analog Devices ADPA7008AEHZ Datasheet HTML 7Page - Analog Devices ADPA7008AEHZ Datasheet HTML 8Page - Analog Devices ADPA7008AEHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADPA7008
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Output P1dB: 30 dBm typical at 22 GHz to 40 GHz
►
PSAT: 31 dBm typical at 22 GHz to 40 GHz
►
Gain: 17.5 dB typical at 22 GHz to 40 GHz
►
Input return loss: 12 dB typical at 22 GHz to 40 GHz
►
Output return loss: 9.5 dB typical at 22 GHz to 40 GHz
►
Output IP3: 37 dBm typical at 22 GHz to 40 GHz
►
Supply voltage: 5 V typical at 1500 mA
►
50 Ω matched input and output
►
18-terminal, 7 mm × 7 mm, ceramic leadless chip carrier with
heat sink [LCC_HS]
►
Integrated power detector
APPLICATIONS
►
Aerospace and defense
►
Test instrumentation
►
Communications
GENERAL DESCRIPTION
The ADPA7008 is a gallium arsenide (GaAs), pseudomorphic high
electron mobility transistor (pHEMT), monolithic microwave integrat-
ed circuit (MMIC), 31 dBm saturated output power (PSAT, 1 W)
distributed power amplifier with an integrated temperature compen-
sated on-chip power detector that operates from 20 GHz to 54
GHz. The amplifier provides 17.5 dB of small signal gain, an output
power for 1 dB compression (P1dB) of 30 dBm with an excellent
IP3 of 37 dBm typical from 22 GHz to 40 GHz. The ADPA7008
is ideal for linear applications such as electronic countermeasure
and instrumentation applications requiring 31 dBm of efficient PSAT.
The ADPA7008 requires 1500 mA from a 5 V supply voltage (VDD).
The RF input and outputs are internally matched and dc blocked for
ease of integration into higher level assemblies. The ADPA7008 is
housed in a 7 mm × 7 mm, ceramic leadless package with heat sink
[LCC_HS] that exhibits low thermal resistance and is compatible
with surface-mount manufacturing techniques.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADPA7008AEHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7008C-KIT AD-ADPA7008C-KIT Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
More results

Similar Description - ADPA7008AEHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com