Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2844AD1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UC2844AD1
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2844AD1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UC2844AD1 Datasheet HTML 8Page - STMicroelectronics UC2844AD1 Datasheet HTML 9Page - STMicroelectronics UC2844AD1 Datasheet HTML 10Page - STMicroelectronics UC2844AD1 Datasheet HTML 11Page - STMicroelectronics UC2844AD1 Datasheet HTML 12Page - STMicroelectronics UC2844AD1 Datasheet HTML 13Page - STMicroelectronics UC2844AD1 Datasheet HTML 14Page - STMicroelectronics UC2844AD1 Datasheet HTML 15Page - STMicroelectronics UC2844AD1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
UC384XA - UC284XA
12/16
Figure 27. Soft-Start and Error Amplifier Output Duty Cycle Clamp.
D95IN355
+
R
BIAS
OSC
C
R
+
-
+
-
EA
R
2R
R
S
Q
8
4
2
1
5
1mA
1V
5Vref
R2
R1
VClamp
+
-
Comp/Latch
7
RS
VCC
Q1
Vin
7
6
5
BC109
VCLAMP = ·
R1
R1 + R2
where 0 <VCLAMP <1V
Ipk(max) =
VCLAMP
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com