Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5029 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI5029
Description  16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5029 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI5029 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5029 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
16-Bit Constant Current LED Sink Driver with
LED Error Detection and Run-Time Current Adjustment
April 2005, VA.02
- 7 -
MBI5029
Switching to Special Mode
The above shows an example of the signal sequence that can set the next operation mode of MBI5029 to be the
Special Mode. The LE/MOD/CA active pulse here would not latch any serial data.
Note:
After entering the Special Mode, MBI5029 can detect LED error and adjust current gain.
Writing Configuration Code (In Special Mode)
In the Special Mode, by sending the positive pulse of LE/MOD/CA, the content of the Shift Register with a
Configuration Code will be written to the 16-bit Configuration Latch.
Reading Error Status Code (In Special Mode)
When MBI5029 is working in the Special Mode, the above signal sequence example can let a system controller
read the Error Status codes via the pin SDO.
LE/MOD/CA
CLK
1
2
3
4
5
1
0
1
1
1
0
0
0
1
0
ED
/SW/
OE
: don’t care
Bit14
Error Status Code
Bit13 Bit12 Bit11
CLK
SDO
ED
/SW/
OE
Bit15
At least 2 µs
N = 0
1
2
3
4
5
12
13
14
15
Bit15 Bit14 Bit13 Bit12 Bit11
Bit3
Bit2
Bit1
Bit0
CLK
LE/MOD/CA
SDI
Bit10
16-Bit Configuration Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com