Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP7952X Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP7952X
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7952X Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP7952X Datasheet HTML 45Page - Microchip Technology MCP7952X Datasheet HTML 46Page - Microchip Technology MCP7952X Datasheet HTML 47Page - Microchip Technology MCP7952X Datasheet HTML 48Page - Microchip Technology MCP7952X Datasheet HTML 49Page - Microchip Technology MCP7952X Datasheet HTML 50Page - Microchip Technology MCP7952X Datasheet HTML 51Page - Microchip Technology MCP7952X Datasheet HTML 52Page - Microchip Technology MCP7952X Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 49
MCP7951X/MCP7952X
Microchip Technology Drawing C04-021-MS Rev E Sheet 2 of 2
10-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
3.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
Notes:
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
Dimensioning and tolerancing per ASME Y14.5M.
protrusions shall not exceed 0.15mm per side.
L1
Footprint
Mold Draft Angle
Lead Width
Lead Thickness
c
b
Dimension Limits
Overall Height
Molded Package Thickness
Molded Package Width
Overall Length
Foot Length
Standoff
Overall Width
Number of Pins
Pitch
A
L
E1
D
A1
E
A2
e
N
Units
0.95 REF
-
-
0.08
0.15
0.23
0.33
MILLIMETERS
0.50 BSC
0.85
3.00 BSC
3.00 BSC
0.60
4.90 BSC
0.40
0.00
0.75
MIN
NOM
1.10
0.80
0.15
0.95
MAX
10
-
--
8°
0°
-
C
SEATING
PLANE
L
(L1)
c
DETAIL A
Foot Angle
-
15°
5°
1
4X
1
4X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com