Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC79050 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC79050 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC79050 Datasheet HTML 20Page - Microchip Technology MIC79050 Datasheet HTML 21Page - Microchip Technology MIC79050 Datasheet HTML 22Page - Microchip Technology MIC79050 Datasheet HTML 23Page - Microchip Technology MIC79050 Datasheet HTML 24Page - Microchip Technology MIC79050 Datasheet HTML 25Page - Microchip Technology MIC79050 Datasheet HTML 26Page - Microchip Technology MIC79050 Datasheet HTML 27Page - Microchip Technology MIC79050 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005771B-page 25
MIC79050
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC79050-4.2YS:
Simple Lithium-Ion Battery
Charger, 4.2V, –40°C to +125°C,
3-Lead SOT-223, 78/Tube
b) MIC79050-4.2YS-TR:
Simple Lithium-Ion Battery
Charger, 4.2V, –40°C to +125°C,
3-Lead SOT-223, 2,500/Reel
c) MIC79050-4.2YM:
Simple Lithium-Ion Battery
Charger, 4.2V, –40°C to +125°C,
8-Lead SOIC, 95/Tube
d) MIC79050-4.2YM-TR:
Simple Lithium-Ion Battery
Charger, 4.2V, –40°C to +125°C,
8-Lead SOIC, 2,500/Reel
e) MIC79050-4.2YMM:
Simple Lithium-Ion Battery
Charger, 4.2V, –40°C to +125°C,
8-Lead MSOP, 100/Tube
f) MIC79050-4.2YMM-TR: Simple Lithium-Ion Battery
Charger, 4.2V, –40°C to +125°C,
8-Lead MSOP, 2,500/Reel
PART NO.
XX
Package
Device
Device:
MIC79050:
Simple Lithium-Ion Battery Charger
Voltage:
4.2 =
4.2V
Temperature:
Y
=
–40°C to +125°C
Package:
S
=
3-Lead SOT-223
M
=
8-Lead SOIC
MM =
8-Lead MSOP
Media Type:
<blank>= 78/Tube (SOT-223)
<blank>= 95/Tube (SOIC)
<blank>= 100/Tube (MSOP)
TR =
2,500/Reel (All Packages)
–X.X
Voltage
X
Temperature
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com