Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4361ES Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK4361ES
Description  30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4361ES Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  MSK4361ES Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4361ES Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4361ES Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4361ES Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4361ES Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4361ES Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4361ES Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
Rev. E 2/05
THE ABOVE EXAMPLE IS A MILITARY GRADE HYBRID WITH LEADS BENT UP.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
MSK4361 H U
LEAD CONFIGURATION
S=STRAIGHT, U=BENT UP, D=BENT DOWN
SCREENING
BLANK=INDUSTRIAL, E=EXTENDED RELIABILITY
H=MIL-PRF-38534 CLASS H
GENERAL PART NUMBER
ORDERING INFORMATION
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle Indicates Pin 1.
WEIGHT = 88 GRAMS TYPICAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com