Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK0024 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK0024
Description  HIGH SPEED OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0024 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK0024 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0024 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Common Mode Rejection Ratio
Input Impedence
Input Capacitance
OUTPUT
Output Voltage Swing
Power Bandwidth
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Thermal Resistance
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
±18V
600mW
±VCC
≤ ±15V
6V
-55°C to +125°C
-40°C to +85°C
Supply Voltage
Internal Power Dissipation
Input Voltage
Differential Input Voltage
Case Operating Temperature Range
MSK0024H/E
MSK0024
-65°C to +150°C
300°C
175°C
1
2
3
4
5
6
TST
TLD
TJ
VCC
PD
VIN
VIND
TC
Unless otherwise specified, VCC=±15VDC and VIN=0V.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6
TA=-55°C
NOTES:
Group A
Subgroup
-
1
2,3
1
2,3
-
1
2,3
1
2,3
1
-
-
4
-
4
4
-
AV=5 RS=50
Ω
VCM=0V
VCM=0V
VCM=±10VDC
-VCC=-15V +VCC=+5V to +15V
+VCC=+15V -VCC=-5V to -15V
RL=2K
Ω
VOUT=±10VPK RL=2K
Ω
VOUT=±10VPK RL=2K
Ω
VOUT=±10VPK f=10HZ
Junction to Case @ 125°C
Typ.
±15
±6
±6
±0.5
±1.0
±15
±4
±5
±1
±1
95
300
1.5
±12.5
4.5
400
8
50
Test Conditions
Max.
±18
±15
±15
±3.0
±5.0
-
±20
±30
±5
±5
-
-
-
-
-
-
-
58
Min.
±5
-
-
-
-
-
-
-
-
-
75
-
-
±12.0
-
220
3
-
Min.
±5
-
-
-
-
-
-
-
-
-
75
-
-
±12.0
-
200
3
-
Max.
±18
±18
-
±4.0
-
-
±30
-
±10
-
-
-
-
-
-
-
-
65
Typ.
±15
±6
-
±0.5
-
±15
±4
-
±1
-
95
300
1.5
±12.5
4.5
400
8
50
V
mA
mA
mV
mV
µV/°C
µA
µA
µA
µA
dB
K
Ω
pF
V
MHz
V/µS
V/mV
°C/W
MSK0024H/E
MSK0024
Parameter
ELECTRICAL SPECIFICATIONS
2
Rev. A 3/03
Units
Power Supply Rejection Ratio
75
95
-
75
95
dB
1
-
2
2
2
2
2
2
2
2
2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com