Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS302ARPEL Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD151TS302ARPEL
Description  Spread Spectrum Clock for EMI Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS302ARPEL Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD151TS302ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 11Page - Renesas Technology Corp HD151TS302ARPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HD151TS302ARP
Rev.5.00, May.19.2003, page 11 of 12
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-8DC
Conforms
—
0.085 g
*Dimension including the plating thickness
Base material dimension
4.90
0.25
0.15
0˚ – 8˚
M
8
5
1
4
1.27
0.40 ± 0.06
*0.42 ± 0.08
5.3 Max
0.75 Max
0.60
+ 0.67
– 0.20
6.10
+ 0.10
– 0.30
1.08
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com