Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG508B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG508B
Description  Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508B Datasheet(HTML) 4 Page - Vishay Siliconix

  DG508B Datasheet HTML 1Page - Vishay Siliconix DG508B Datasheet HTML 2Page - Vishay Siliconix DG508B Datasheet HTML 3Page - Vishay Siliconix DG508B Datasheet HTML 4Page - Vishay Siliconix DG508B Datasheet HTML 5Page - Vishay Siliconix DG508B Datasheet HTML 6Page - Vishay Siliconix DG508B Datasheet HTML 7Page - Vishay Siliconix DG508B Datasheet HTML 8Page - Vishay Siliconix DG508B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DG508B, DG509B
www.vishay.com
Vishay Siliconix
S14-2382-Rev. E, 15-Dec-14
4
Document Number: 64821
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 15 V, V- = -15 V (± 10 %)
VAX, VEN = 2 V, 0.8 V a
TEMP. b
TYP. c
-40 °C to +125 °C
-40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
-15
15
-15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, IS = -1 mA
Room
180
-
380
-
380
Ω
Full
-
-
480
-
450
RDS(on) Matching
ΔRDS(on)
VD = ± 10 V
Room
10
-
-
-
-
Source Off Leakage
Current
IS(off)
VD = ± 10 V
VS =
10 V
VEN = 0 V
Room
-
-1
1
-1
1
nA
Full
-
-50
50
-50
50
Drain Off Leakage Current
ID(off)
DG508B
Room
-
-1
1
-1
1
Full
-
-100
100
-100
100
DG509B
Room
-
-1
1
-1
1
Full
-
-50
50
-50
50
Drain On Leakage Current
ID(on)
VS = VD =
10 V
sequence each
switch on
DG508B
Room
-
-1
1
-1
1
Full
-
-100
100
-100
100
DG509B
Room
-
-1
1
-1
1
Full
-
-50
50
-50
50
Digital Control
Logic High Input Voltage
VINH
Full
-
2
-
2
-
V
Logic Low Input Voltage
VINL
Full
-
-
0.8
-
0.8
Logic High Input Current
IIH
VAX, VEN = 2 V
Full
-
-1
1
-1
1
μA
Logic Low Input Current
IIL
VAX, VEN = 0.8 V
Full
-
-1
1
-1
1
Logic Input Capacitance e
CIN
f = 1 MHz
Room
4
-
-
-
-
pF
Dynamic Characteristics
Transition Time
tTRANS
VS1 = +10 V/-10 V,
VS8 = -10 V/+10 V,
RL = 1 M
Ω, CL = 35 pF
Room
145
-
300
-
300
ns
Full
-
-
400
-
400
Break-Before-Make
Interval
tOPEN
VS1 = VS8 = 5 V, CL = 35 pF,
RL = 1 k
Ω
Room
37
15
-
15
-
Full
-
1
-
1
-
Enable Turn-On Time
tON(EN)
VS1 = 5 V, VS2 to VS8 = 0 V,
RL = 1 k
Ω, CL = 35 pF
Room
100
-
250
-
250
Full
-
-
340
-
340
Enable Turn-Off Time
tOFF(EN)
Room
90
-
240
-
240
Full
-
-
300
-
300
Charge Injection e
QINJ
CL = 1 nF, RGEN = 0 W, VGEN = 0 V
Full
2
-
-
-
-
pC
Off Isolation e
OIRR
CL = 5 pF, RL = 50
Ω, f = 1 MHz
Room
-81
-
-
-
-
dB
Crosstalk e
XTALK
Room
-88
-
-
-
-
-3 dB Bandwidth e
BW
RL = 50
Ω
Room
250
-
-
-
-
MHz
Total Harmonic
Distortion e
THD
RL = 10 k
Ω, 5 Vrms
f = 20 Hz to 20 kHz
Room
0.04
-
-
-
-
%
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
3
-
-
-
-
pF
Drain Off Capacitance e
CD(off)
DG508B
Room
13
-
-
-
-
DG509B
Room
8
-
-
-
-
Drain On Capacitance e
CD(on)
DG508B
Room
18
-
-
-
-
DG509B
Room
11
-
-
-
-
Power Supply
Positive Supply Current
I+
VAX, VEN = 0.8 V or 2.4 V
Room
0.01
-
0.2
-
0.2
mA
Full
-
-
0.3
-
0.3
Negative Supply Current
I-
Full
0.06
-10
-
-10
-
μA
+−
+−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com