Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4422S Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4422S
Description  20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4422S Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4422S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4422S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4422S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4422S Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4422S Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4422S Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PROTECTION
All logic inputs use a 300nS filter.
A pulse width
below this will get ignored.
VCC voltage below the cutoff level of 8.65 volts will
reset all switch outputs off and ignore subsequent
logic inputs until VCC is restored.
Undervoltage lockout of the internal drivers for the
high-side switches also occurs at 8.65 volts, but will
not flag with the FAULT output. This may occur if the
high-side output gets switched without switching the
low-side. The internal boot strap powersupply for the
high-side switch will sag too low for adequate switch-
ing.
The boot strap supply depends on PWMing of
the low-side switches for proper operation.
Switching a low-side logic input while the correspond-
ing phase high-side logic input is activated will turn
off both switches. The opposite condition is also true.
This is cross-conduction lockout and will occur any
time low and high-side inputs for a phase are acti-
vated at the same time.
A 2µS deadtime is automatically inserted between
high and low-side output switching to allow complete
turn-off of each switch so no overlap will occur.
An overcurrent condition detected by the ITRIP pin
will shut down all output switches until the overcurrent
condition is removed and all three low-side logic in-
puts are held high for 10µS, then normal operation
will resume.
ITRIP has a 100nS leading edge blanking time after
switching to ignore any switching current transients.
TYPICAL OPERATION
4
APPLICATION NOTES
MSK 4422 PIN DESCRIPTION
VCC - Is the low voltage supply for all the internal logic
and drivers. A 0.1 µF ceramic capacitor in parallel with
a 10µF tantalum capacitor is recommended bypassing
for the VCC-VSS pins.
VSS - Is the low voltage supply return pin and the input
logic return reference. All logic input and logic output
is referenced to this pin. This pin can vary ±5V from
the COM power return pin without affecting any of the
logic functions.
AØHIN, BØHIN, CØHIN - Are low active logic inputs for
signalling the corresponding phase high-side switch to
turn on. The input levels are 5V CMOS or TTL compat-
ible.
AØLIN, BØLIN, CØLIN - Are low active inputs for sig-
nalling the corresponding phase low-side switch to turn
on. The input levels are 5V CMOS or TTL compatible.
FAULT - Is an open drain logic output pin that gets
enabled any time the VCC level goes below the cutoff
point, or an overcurrent condition occurs. Bringing VCC
back to normal levels will reset FAULT. Removing the
overcurrent condition and allowing the low-side logic
inputs to remain high(off) for 10µS will restore opera-
tion.
ITRIP - Is an analog input pin for sensing current flow-
ing from the COM pin through a sense resistor to the
high power ground. A 0.5 volt level at this pin with
respect to VSS will signal an overcurrent condition,
enable the FAULT pin and shut down all output switch-
ing.
Bringing the voltage below this point (100 mV
hysteresis) will remove the FAULT output and leaving
the low-side logic inputs simultaneously high (de-acti-
vated) for 10µS will restore normal operation.
V+ - Is the high voltage positive rail for the bridge.
Proper bypassing to VSS with sufficient capacitance
to suppress any voltage transients and to ensure re-
moving any drooping during switching, should be done
as close to the pins on the hybrid as possible.
COM - Is the return side of the bridge. A sense resistor
can be connected between this point and VSS, which
is the high voltage negative rail. COM can float above
and below the VSS pin up to 5 volts and proper opera-
tion will be maintained. Precautions should be taken
so as to not allow this voltage to get over ±5 volts
under any conditions.
AØ, BØ, CØ - Are the pins connecting the 3 phase
bridge switch outputs.
-
-
-
-
-
-
-
Rev. B 4/05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com