Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4454S Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4454S
Description  10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4454S Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4454S Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4454S Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4454S Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4454S Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4454S Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4454S Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Rev. B
11/04
APPLICATION NOTES
MSK 4454 PIN DESCRIPTIONS
+VCC - Is the low voltage supply for all the internal
logic and drivers. A 0.1 µF ceramic capacitor in paral-
lel with a 10µF tantalum capacitor is the recommended
bypassing from the +VCC pin to the COM pin.
H INA, H INB, H INC - Are high active logic inputs for
signalling the corresponding phase high-side switch to
turn on. The logic inputs are compatible with standard
CMOS or LSTTL outputs. These logic inputs are inter-
nally zener clamped at 5.2 volts.
L INA, L INB, L INC - Are low active logic inputs for
signalling the corresponding phase low-side switch to
turn on. The logic inputs are compatible with standard
CMOS
or LSTTL outputs.
These logic numbers are
internally zener clamped at 5.2 volts.
AØ, BØ, CØ - Are the pins connecting the 3 phase
bridge switch options.
AV-, BV-, CV- - Are the connections from the bottoms
of the three half bridges. These pins get connected to
the COM pin. If current sensing is desired they may be
connected to the COM pin through a low value sense
resistor.
+VB - Is the connection used to provide power to the
floating high-side bootstrap supplies in the gate drive
circuitry.
V+ - Is the high voltage positive rail connection to the
tops of the three half bridges.
Proper power supply
bypassing must be connected from this pin to the COM
pin for good filtering. This bypassing must be done as
close to the hybrid as possible.
COM - Is the connection that all hybrid power supply
connections are returned to and bypassed to.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com