Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5428892 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 5428892
Description  Electric actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

5428892 Datasheet(HTML) 2 Page - Festo Corporation.

  5428892 Datasheet HTML 1Page - Festo Corporation. 5428892 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Max. feed force Fx
1000 N
Guide value for payload, horizontal
120 kg
Guide value for payload, vertical
60 kg
Mass moment of inertia JH per meter of stroke
0.1195 kgcm²
Mass moment of inertia JL per kg of payload
0.0063 kgcm²
Mass moment of inertia JO
0.0682 kgcm²
Moving mass at 0 mm stroke
305 g
Additional weight per 10 mm stroke
69 g
Basic weight with 0 mm stroke
1114 g
Additional moving mass per 10 mm stroke
6.5 g
Type of mounting
With internal thread
With accessories
Note on materials
RoHS-compliant
Housing material
Wrought aluminum alloy
Smooth anodized
Piston rod material
High-alloy stainless steel
Spindle nut material
Steel
Spindle material
Roller bearing steel
5/11/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com