Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-941MC Datasheet(PDF) 2 Page - C&D Technologies

Part # ADS-941MC
Description  14-Bit, 1MHz Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADS-941MC Datasheet(HTML) 2 Page - C&D Technologies

  ADS-941MC Datasheet HTML 1Page - C&D Technologies ADS-941MC Datasheet HTML 2Page - C&D Technologies ADS-941MC Datasheet HTML 3Page - C&D Technologies ADS-941MC Datasheet HTML 4Page - C&D Technologies ADS-941MC Datasheet HTML 5Page - C&D Technologies ADS-941MC Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
®
®
ADS-941
2
OUTPUTS
MIN.
TYP.
MAX.
UNITS
Output Coding
Staight Bin./Offset Bin./Two's Comp.
Comp. Bin./Comp. Offset Bin./C2C
Logic Level
Logic "1"
+2.4
—
—
Volts
Logic "0"
—
—
+0.4
Volts
Logic Loading "1"
—
—
–160
µA
Logic Loading "0"
—
—
+6.4
mA
Internal Reference
Voltage, +25°C
+9.98
+10.0
+10.02
Volts
Drift
—
±13
±30
ppm/°C
External Current
—
—
5
mA
DYNAMIC PERFORMANCE
Slew Rate
—
±250
1
V/µs
Aperature Delay Time
—
—
10
ns
Aperature Uncertainty
—
—
±5
ps
S/H Aquisition TIme
(to ±0.003%FS, 10V step)
—
250
350
ns
Total Harm. Distort. (–0.5dB)
dc to 100kHz
–78
–85
—
dB
100kHz to 500kHz
–77
–80
—
dB
Signal-to-Noise Ratio
(w/o distortion, –0.5dB
dc to 100kHz
75
80
—
dB
100kHz to 500kHz
74
77
—
dB
Signal-to-Noise Ratio
(and distortion, –0.5dB)
dc to 100kHz
74
80
—
dB
100kHz to 500kHz
73
78
—
dB
Spurious Free Dyn. Range Œ
dc to 100kHz78
78
86
—
dB
100 to 500kHz
77
83
—
dB
Two-tone IMD
Distortion (fin = 100kHz,
240kHz, fs = 2.0Mhz,
–0.5dB)
—
–85
—
dB
Input Bandwidth (–3dB)
Small Signal (–20dB input)
—
6
—
MHz
Large Signal (–0dB input)
—
1.75
—
MHz
Feedthrough Rejection
(fin = 500KHz)
—
87
—
dB
Overvoltage Recovery, ±12V
—
1000
2000
ns
A/D Conversion Rate
1
—
—
MHz
Noise
—
250
—
µVrms
POWER REQUIREMENTS
Power Supply Ranges
+15V Supply
+14.25
+15.0
+15.75
Volts
–15V Supply
–14.25
–15.0
–15.75
Volts
+5V Supply
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+15V Supply
—
+62
+85
mA
–15V Supply
—
–80
–95
mA
+5V Supply
—
+140
+160
mA
Power Dissipation
—
2.8
3.3
Watts
Power Supply Rejection
—
—
±0.02
%FSR%V
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
ADS-941MC
0
—
+70
°C
ADS-941ME
–40
—
+85
°C
Storage Temperature Range
–65
—
+150
°C
Package Type
32-pin, metal-sealed, ceramic TDIP
Weight
0.46 ounces (13 grams)
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+15V Supply (Pin 12)
0 to +16
Volts
–15V Supply (Pin 13)
0 to –16
Volts
+5V Supply (Pin 10)
0 to +6.0
Volts
Digital Inputs (Pin 8,9, 32)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 3)
±15
Volts
Lead Temp. (10 seconds)
300
°C
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VCC = ±15V, ±VDD = ±5V, 1MHz sampling rate, and a minimum 7 minute
warmup unless otherwise specified.)
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
Unipolar
—
0 to +10
—
Volts
Bipolar
—
±5
—
Volts
Input Impedence
2.2
2.5
—
k
Ω
Input Capacitance
—
7
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
Volts
Logic Loading "1"
—
—
+10
µA
Logic Loading "0"
—
—
–600
µA
PERFORMANCE
Integral Non-Linearity
(fin = 10KHz)
+25°C
—
±1
±2
LSB
0 to +70°C
—
±1.5
±2
LSB
–40 to +85°C
—
±2
±3
LSB
Differential Non-Linearity
(fin = 10KHz)
+25°C
–0.75
±0.5
±0.75
LSB
0 to +70°C
–0.95
±0.75
±0.95
LSB
–40 to +85°C
–1
±0.95
+2.5
LSB
Full Scale Absolute Accuracy
+25°C
—
±0.1
±0.122
%FSR
0 to +70°C
—
±0.12
±0.36
%FSR
–40 to +85°C
—
±0.45
±0.85
%FSR
Unipolar Zero Error
+25°C (see Figure 3)
—
±0.05
±0.122
%FSR
0 to +70°C
—
±0.1
±0.2
%FSR
–40 to +85°C
—
±0.2
±0.3
%FSR
Bipolar Zero Error
+25°C (see Figure 3)
—
±0.05
±0.122
%FSR
0 to +70°C
—
±0.1
±0.2
%FSR
–40 to +85°C
—
±0.2
±0.3
%FSR
Bipolar Offset Error
+25°C (see Figure 3)
—
±0.1
±0.12
%FSR
0 to +70°C
—
±0.12
±0.3
%FSR
–40 to +85°C
—
±0.6
±0.8
%FSR
Gain Error
+25°C (see Figure 3)
—
±0.018
±0.122
%
0 to +70°C
—
±0.12
±0.3
%
–40 to +85°C
—
±0.6
±0.8
%
No Missing Codes (fin = 500kHz)
14 Bits
0 to +70°C
Resolution
14 Bits
Footnote:
Œ Same specification as In-Band Harmonics and Peak Harmonics.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com