Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASILUFC51 Datasheet(PDF) 2 Page - Schneider Electric

Part # ASILUFC51
Description  Communication module, TeSys Ultra
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ASILUFC51 Datasheet(HTML) 2 Page - Schneider Electric

  ASILUFC51 Datasheet HTML 1Page - Schneider Electric ASILUFC51 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output screw clamp terminals 2 0.00…0.00 in² (0.14…0.5 mm²)rigid without cable end
Output screw clamp terminals 2 0.00…0.00 in² (0.14…0.75 mm²)flexible without cable end
Output screw clamp terminals 2 0.00…0.00 in² (0.25…0.34 mm²)flexible with cable end
Output screw clamp terminals 2 0.00 in² (0.5 mm²)flexible with cable end
Tightening torque
Input 4.43…5.31 lbf.in (0.5…0.6 N.m) 0.14 in (3.5 mm)
Output 1.77…2.21 lbf.in (0.2…0.25 N.m) 0.10 in (2.5 mm)
Environment
Product Certifications
AS-Interface V2.1 No 52303
Ambient Air Temperature for
Operation
-13…158 °F (-25…70 °C)
IP degree of protection
IP20 conforming to IEC 60529
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
GTIN
3389110745092
Nbr. of units in pkg.
1
Package weight(Lbs)
2.08 oz (59.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.89 in (4.8 cm)
Package 1 width
3.70 in (9.4 cm)
Package 1 Length
1.30 in (3.3 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
60
Package 2 Weight
8.36 lb(US) (3.794 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
California proposition 65
WARNING: Cancer - www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2
May 11, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com